Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTD3257DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTD3257DB
Description  Quad 1-of-2 multiplexer/demultiplexer with level shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTD3257DB Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTD3257DB Datasheet HTML 1Page - NXP Semiconductors CBTD3257DB Datasheet HTML 2Page - NXP Semiconductors CBTD3257DB Datasheet HTML 3Page - NXP Semiconductors CBTD3257DB Datasheet HTML 4Page - NXP Semiconductors CBTD3257DB Datasheet HTML 5Page - NXP Semiconductors CBTD3257DB Datasheet HTML 6Page - NXP Semiconductors CBTD3257DB Datasheet HTML 7Page - NXP Semiconductors CBTD3257DB Datasheet HTML 8Page - NXP Semiconductors CBTD3257DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Preliminary data
CBTD3257
Quad 1-of-2 multiplexer/demultiplexer
with level shifting
2002 Sep 09
3
LOGIC DIAGRAM (positive logic)
4
1A
2
1B1
3
1B2
7
2A
5
2B1
6
2B2
9
3A
11
3B1
10
3B2
12
4A
14
4B1
13
4B2
1
S
15
OE
SA00532
FUNCTION TABLE
INPUTS
FUNCTION
OE
S
FUNCTION
L
L
A port = B1 port
L
H
A port = B2 port
H
X
Disconnect


Similar Part No. - CBTD3257DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306 NXP-CBTD3306 Datasheet
149Kb / 17P
   Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
logo
NXP Semiconductors
CBTD3306D PHILIPS-CBTD3306D Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306D NXP-CBTD3306D Datasheet
149Kb / 17P
   Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
More results

Similar Description - CBTD3257DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com