Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS982C6R Datasheet(PDF) 3 Page - Fuji Electric

Part # TS982C6R
Description  SILICON DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS982C6R Datasheet(HTML) 3 Page - Fuji Electric

  TS982C6R Datasheet HTML 1Page - Fuji Electric TS982C6R Datasheet HTML 2Page - Fuji Electric TS982C6R Datasheet HTML 3Page - Fuji Electric TS982C6R Datasheet HTML 4Page - Fuji Electric TS982C6R Datasheet HTML 5Page - Fuji Electric TS982C6R Datasheet HTML 6Page - Fuji Electric TS982C6R Datasheet HTML 7Page - Fuji Electric TS982C6R Datasheet HTML 8Page - Fuji Electric TS982C6R Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MS5D3305
3/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
1. SCOPE
This specification provides the ratings and the test requirement for FUJI SILICON DIODE
TS982C6R
2. OUT VIEW, MOLDING RESIN, CHARACTERISTICS
Ordering code
Package type
Out view
Molding resin
Characteristics
TS982C6R
T-pack(S)
Page
9/12
UL:V-0
Page
10/12∼12/12
Bar code label is EIAJ C-3 specification.
Indispensable description items are shown as below.
(1) Type name
(2) Production code
(3) Quantity
(4) Lot №(Date code)
(5) Company code
3.RATINGS
3.1 MAXIMUM RATINGS (at Ta=25℃ unless otherwise specified.)
Item
Symbol
Conditions
Ratings
Units
Repetitive peak reverse voltage
VRRM
600
V
Average output current
Io
50Hz Square wave duty =1/2
Tc = 88℃
16 *
A
Non-repetitive forward surge current**
IFSM
Sine wave, 10ms 1shot
40
A
Operating junction temperature
Tj
150
Storage temperature
Tstg
-40∼+150
* Out put current of center tap full wave connection.
**Rating per element
3.2 ELECTRICAL CHARACTERISTICS
(at Ta=25℃ unless otherwise specified.)
Item
Symbol
Conditions
Maximum
Units
Forward voltage***
VF
IF = 8 A
3.0
V
Reverse current***
IR
VR = VRRM
25
μA
Reverse recovery time
trr
IF=0.1A,IR=0.2A,Irec=0.05A
0.026
μs
Thermal resistance
Rth(j-c)
Junction to case
1.5
℃/W
***Rating per element
3.3 MECHANICAL CHARACTERISTICS
Approximate mass
1.6
g


Similar Part No. - TS982C6R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TS982C6R FUJI-TS982C6R Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R_10 Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Similar Description - TS982C6R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com