Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9440 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9440
Description  Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9440 Datasheet HTML 4Page - Intersil Corporation ISL9440 Datasheet HTML 5Page - Intersil Corporation ISL9440 Datasheet HTML 6Page - Intersil Corporation ISL9440 Datasheet HTML 7Page - Intersil Corporation ISL9440 Datasheet HTML 8Page - Intersil Corporation ISL9440 Datasheet HTML 9Page - Intersil Corporation ISL9440 Datasheet HTML 10Page - Intersil Corporation ISL9440 Datasheet HTML 11Page - Intersil Corporation ISL9440 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN6383.1
December 5, 2007
PGOOD Rise Time
RPULLUP = 10k to 3.3V
0.05
µs
PGOOD Fall Time
RPULLUP = 10k to 3.3V
0.05
µs
EARLY WARNING FUNCTIONS
Undervoltage Lockout Rising (VCC_5V Pin)
4.25
4.45
4.50
V
Undervoltage Lockout Falling (VCC_5V Pin)
3.95
4.20
4.40
V
Early Warning Voltage Rising (VIN Pin; ISL9440, ISL9440A only)
5.75
5.90
V
Early Warning Voltage Falling (VIN Pin; ISL9440, ISL9440A only)
5.30
5.55
V
RST
RST Voltage Low
I_SINK = 4mA
0.4
V
RST Leakage Current
RST = 5V
0.025
1
µA
RST Rise Time
RPULLUP = 10k to 3.3V
0.05
µs
RST Fall Time
RPULLUP = 10k to 3.3V
0.05
µs
PGOOD/RST TIMING RISING
VIN/VOUT Rising Threshold to PGOOD High Rising
100
200
300
ms
PGOOD Rising to RST Rising
1.0
µs
PGOOD/RST TIMING FALLING
VIN/VOUT Falling Threshold to PGOOD Falling
40
70
100
µs
PGOOD Falling to RST Falling
4.5
5.5
6.5
µs
OVER VOLTAGE PROTECTION
OV Trip Point
118
%
OVER CURRENT PROTECTION
Overcurrent Threshold (OCSET_) (Note 5)
ROCSET = 55k
Ω
32
µA
Full Scale Input Current (ISEN_) (Note 5)
15
µA
Overcurrent Set Voltage (OCSET_)
1.70
1.75
1.80
V
OVER-TEMPERATURE
Over-Temperature Shutdown
150
°C
Over-Temperature Hysteresis
20
°C
NOTES:
2. In normal operation, where the device is supplied with voltage on the VIN pin, the VCC_5V pin provides a 5V output capable of 60mA (min).
When the VCC_5V pin is used as a 5V supply input, the internal LDO regulator is disabled and the VIN input pin must be connected to the
VCC_5V pin. (Refer to the Pin Descriptions section for more details.)
3. This is the total shutdown current with VIN = 5.6 and 24V.
4. Operating current is the supply current consumed when the device is active but not switching. It does not include gate drive current.
5. Limits established by characterization and are not production tested.
6. Check Note 2 for VCC_5V and VIN configurations at 5V ±10% input applications. ISL9440, ISL9440A’s PGOOD signal will fall LOW when VIN
pin voltage drops below 5.55V (TYP), which results from the early warning detection on VIN pin voltage. ISL9441 doesn’t have an early warning
function, so when VIN pin voltage is below 5.55V, PGOOD will not be pulled LOW; ISL9441’s PGOOD only shows the output voltage regulation
status.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, C_VCC_5V = 4.7µF, TA = -40°C to +85°C (Note 5),
Typical values are at TA = +25°C, unless otherwise specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL9440, ISL9440A, ISL9441


Similar Part No. - ISL9440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440 INTERSIL-ISL9440 Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440 INTERSIL-ISL9440 Datasheet
1,020Kb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440 INTERSIL-ISL9440 Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL9440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com