Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESAB92-02 Datasheet(PDF) 2 Page - Fuji Electric

Part # ESAB92-02
Description  LOW LOSS SUPER HIGH SPEED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESAB92-02 Datasheet(HTML) 2 Page - Fuji Electric

  ESAB92-02_01 Datasheet HTML 1Page - Fuji Electric ESAB92-02_01 Datasheet HTML 2Page - Fuji Electric ESAB92-02_01 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007
年3
保守廃止予定機種
This
product
is scheduled
be
obsolete
on
march
2007.
Not
recommend
for
new
design.
ESAB92-02 (5A)
(200V / 5A )
Characteristics
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=150
o
C
Tj=125
o
C
Tj=100
o
C
Tj=25
o
C
Forward Characteristic
(typ.)
VF
Forward Voltage
(V)
0
50
100
150
200
250
10
-1
10
0
10
1
10
2
10
3
10
4
Tj=150
o
C
Tj=125
o
C
Reverse Characteristic (typ.)
Tj= 25
o
C
Tj=100
o
C
VR
Reverse Voltage
(V)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Per 1element
DC
Square wave
λ=180
o
Sine wave
λ=180
o
Square wave
λ=120
o
Square wave
λ=60
o
Forward Power Dissipation
Io
Average Forward Current
(A)
0
25
50
75
100
125
150
175
200
225
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Reverse Power Dissipation
α =180
o
DC
VR
Reverse Voltage
(V)
01
2
345
67
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
λ :Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ=120
o
Square wave
λ=60
o
Square wave
λ=180
o
Sine wave
λ=180
o
DC
Current Derating (Io-Tc)
Io
Average Output Current
(A)
1
10
100
1000
1
10
100
Junction Capacitance Characteristic (typ.)
VR
Reverse Voltage
(V)
360°
Io
λ
360°
VR
α


Similar Part No. - ESAB92-02_01

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
More results

Similar Description - ESAB92-02_01

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
KS926S2 FUJI-KS926S2 Datasheet
70Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
SC902-2 FUJI-SC902-2 Datasheet
636Kb / 2P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
YG906C2 FUJI-YG906C2 Datasheet
71Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERB93-02 FUJI-ERB93-02 Datasheet
51Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ESAD92M-02R FUJI-ESAD92M-02R Datasheet
89Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TS967C6R FUJI-TS967C6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90-02 FUJI-ERC90-02 Datasheet
68Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com