Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F03-20T Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # F03-20T
Description  Liquid Leakage Sensor Amplifier with Disconnection Detection Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F03-20T Datasheet(HTML) 4 Page - Omron Electronics LLC

  F03-20T Datasheet HTML 1Page - Omron Electronics LLC F03-20T Datasheet HTML 2Page - Omron Electronics LLC F03-20T Datasheet HTML 3Page - Omron Electronics LLC F03-20T Datasheet HTML 4Page - Omron Electronics LLC F03-20T Datasheet HTML 5Page - Omron Electronics LLC F03-20T Datasheet HTML 6Page - Omron Electronics LLC F03-20T Datasheet HTML 7Page - Omron Electronics LLC F03-20T Datasheet HTML 8Page - Omron Electronics LLC F03-20T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
E-32
Liquid Leakage Sensor Amplifier with Disconnection Detection Function
K7L-AT50D/-AT50D-S
Connections
I Block Diagram for External Connections
Output Circuit
I Connections Example
(Bottom view)
K7L-AT50D
Level input 1
Level input 2
Common
OUT+
BURN OUT+
COM
12 to 24 VDC
F03-20 Terminal Block
F03-20T Terminator
Liquid leakage
detection output
Disconnection
detection output
Open collector output
100 mA at 30 VDC
max.
Signal
transmission
Wiring cable
(0.2 mm2 min.)
F03-16PE Sensing
Band
8
1
5
6
7
K7L
Load
Load


Similar Part No. - F03-20T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
F03-20 OMRON-F03-20 Datasheet
202Kb / 2P
   Liquid Leakage Point Sensor
More results

Similar Description - F03-20T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
F03-16PS OMRON-F03-16PS Datasheet
202Kb / 2P
   Liquid Leakage Point Sensor
logo
Panasonic Semiconductor
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
   Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
logo
Omron Electronics LLC
G3PC OMRON-G3PC_07 Datasheet
175Kb / 6P
   SSR with Failure Detection Function
logo
EPCOS
B59020E1160A041 EPCOS-B59020E1160A041 Datasheet
53Kb / 3P
   Liquid level detection
logo
Omron Electronics LLC
G3PC OMRON-G3PC Datasheet
618Kb / 7P
   Solid State Relays with Failure Detection Function
2016.12
logo
Sanken electric
SSC3S900 SANKEN-SSC3S900 Datasheet
1Mb / 32P
   Capacitive Mode Detection Function
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
   Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
ams AG
TCS3707 AMSCO-TCS3707 Datasheet
94Kb / 4P
   ALS/Color Sensor with Flicker Detection
2018-Dec-19
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Pepperl+Fuchs Inc.
ELS-1 PF-ELS-1 Datasheet
832Kb / 4P
   Enclosure Leakage Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com