Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90242LUA-CC03 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MLX90242LUA-CC03
Description  Linear Hall Effect Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90242LUA-CC03 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MLX90242LUA-CC03 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90242LUA-CC03 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90242LUA-CC03 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90242LUA-CC03 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90242LUA-CC03 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90242LUA-CC03 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90242LUA-CC03 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MLX90242
Linear Hall Effect Sensor
3901090242
Page 7 of 7
Data Sheet
Rev. 024
Mar/04
All Dimensions in millimeters
VA Hall Plate / Chip Location
VA Package Dimensions
Notes:
1. Pinout:
Pin 1
V
DD
Pin 2
n/c
Pin 3
GND
Pin 4
Output
2. Controlling dimension: mm .
3. Leads must be free of flash and plating voids.
4. Leads must not arc toward the rear of package.
5. Package dimensions exclude molding flash.
6. Tolerance: +/- 0.254 mm unless otherwise specified.
9. *Marking:
Line 1:
1st three digits (242)
= Part Number
4th and 5th digits (GA)
= Revision Number
Line 2:
7 Digits
=Lot Number
Back Side Marking
=Lot Number
YYWW
=DateCode
Hall Plate
0.15 x 0.15
0.387
0.289
Marked
Surface
E
3.46
3.30
A
B
C
5o
(2x)
5o
(2x)
0.387
0.289
3.79
3.63
D
F
G
H
1.0
MAX
0.22
REF
0.45
0.35
4.50
4.10
45o X 1mm
15.50
14.50
242GA
XXXXXXX
*
1
2
3
4
5.08
5.24
5.33
5.43
1.22
1.32
3.76
3.86
J
VA
1.20
1.10
0.66
0.61
0.29
0.24
45o
0.31
0.18
B
A
C
D
E
0.15
0.0
F
G
H
0.60
0.40
0.35
0.25
J
45o
Reference (0,0)
MLX 90242
1.88 +/- 0.15
Go to our website at
www.melexis.com
Or for additional information contact Melexis Direct:
Europe and Japan:
All other locations:
Phone: +32 13 67 0495
Phone: +1 603 223 2362
E-mail: sales_europe@melexis.com
E-mail: sales_usa@melexis.com
QS9000, VDA6.1 and ISO14001 Certified


Similar Part No. - MLX90242LUA-CC03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242LUA-CC03 ETC2-MLX90242LUA-CC03 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results

Similar Description - MLX90242LUA-CC03

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
   Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
   Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
   Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com