Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS102-5T1-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS102-5T1-TR
Description  AC LINE SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102-5T1-TR Datasheet(HTML) 5 Page - STMicroelectronics

  ACS102-5T1-TR Datasheet HTML 1Page - STMicroelectronics ACS102-5T1-TR Datasheet HTML 2Page - STMicroelectronics ACS102-5T1-TR Datasheet HTML 3Page - STMicroelectronics ACS102-5T1-TR Datasheet HTML 4Page - STMicroelectronics ACS102-5T1-TR Datasheet HTML 5Page - STMicroelectronics ACS102-5T1-TR Datasheet HTML 6Page - STMicroelectronics ACS102-5T1-TR Datasheet HTML 7Page - STMicroelectronics ACS102-5T1-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACS102-5Tx
5/8
0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 0.20
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
IT(RMS)(A)
P(W)
Fig. 5: Maximum power dissipation versus RMS
on-state current.
0
20
40
60
80
100
120
140
0.00
0.05
0.10
0.15
0.20
0.25
Tamb(°C)
IT(RMS)(A)
Fig. 6:
RMS on-state current versus ambient
temperature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
tp(s)
Zth(j-a) / Rth(j-a)
Fig. 7-1: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(ACS102-5TA) (TO-92).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
tp(s)
Zth(j-a) / Rth(j-a)
Fig. 7-2: Relative variation of thermal impedance
junction to ambient versus pulse duration (printed
circuit board FR4, e(Cu) = 35
µm, S(Cu) = 40mm2
under “com” pins) (ACS102-5T1) (SO-8).
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tj(°C)
IGT [Tj] / IGT [Tj=25°C]
Fig. 8: Relative variation of gate trigger current
versus junction temperature.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj(°C)
IH,IL [Tj] / IH,IL [Tj=25°C]
Fig. 9: Relative variation of holding and latching
current versus junction temperature.


Similar Part No. - ACS102-5T1-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS102-6T1 STMICROELECTRONICS-ACS102-6T1 Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T1 STMICROELECTRONICS-ACS102-6T1 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS102-6T1-TR STMICROELECTRONICS-ACS102-6T1-TR Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
More results

Similar Description - ACS102-5T1-TR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
   AC LINE SWITCH
logo
STMicroelectronics
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
   AC LINE SWITCH
logo
STMicroelectronics
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
   AC LINE SWITCH
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
   AC LINE SWITCH
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
   AC LINE SWITCH
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
   QUAD AC LINE SWITCH ARRAY
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
   3-line overvoltage protected AC switch array
July 2013 Rev 1
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com