Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLT2385 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XLT2385
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XLT2385 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XLT2385 Datasheet HTML 1Page - List of Unclassifed Manufacturers XLT2385 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0231
Rev C
Page 1 of 2
Thermoelectric Cooler XLT2385
Performance Values
Mechanical Characteristics
Ceramic Material: Alumina (AC)
Dimensions in [ ] are millimeters
TEFLON INSULATED
LEADWIRES: 20 AWG, 19/32 STRANDING,
POSITIVE LEAD (RED)
NEGATIVE LEAD (BLACK)
.002 [0.05] A
.001 [0.03]
HOT SIDE, Th
.092 ± .001
[2.34 ±.025]
.001 [0.03]
A
1.558
[39.57]
COLD SIDE, Tc
1.575 [40.01]
1.760 [44.70]
4.0±.5
1.558 [39.57]
.40±.10
[10.16±2.54]
.40±.10
[10.16±2.54]
Ordering Options
Features
Specifically designed for thermal cycling applications
Capable of rapid heating and cooling rates
Proven High Reliability (Data available upon request)
Rugged construction
Porched configuration for enhanced leadwire strength
Leadwires attached with 183°C solder
Rated operating temperature of 130°C
Height tolerance of ± .001 in. (± .025 mm) allows for
multiple module applications
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
56.5
64.0
Qmax (watts):
127
141
Imax (amps):
13.9
13.8
Vmax (vdc):
14.1
15.7
AC Resistance (ohms):
0.83
---
Model Number
Description
XLT2385-03AC
Leadwires
XLT2385-04AC
No Leadwires
XLT2385-05AC
Leadwires, Sealed
XLT2385-06AC
Leadwires, Diced
XLT2385-07AC
No Leadwires, Sealed


Similar Part No. - XLT2385

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLT2386 ETC2-XLT2386 Datasheet
180Kb / 2P
   Thermoelectric Cooler
XLT2386-03AC ETC2-XLT2386-03AC Datasheet
180Kb / 2P
   Thermoelectric Cooler
XLT2386-04AC ETC2-XLT2386-04AC Datasheet
180Kb / 2P
   Thermoelectric Cooler
XLT2386-05AC ETC2-XLT2386-05AC Datasheet
180Kb / 2P
   Thermoelectric Cooler
XLT2386-07AC ETC2-XLT2386-07AC Datasheet
180Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - XLT2385

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com