Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5446-01AC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP5446-01AC
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP5446-01AC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP5446-01AC Datasheet HTML 1Page - List of Unclassifed Manufacturers SP5446-01AC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
marlow
industries
Subsidiary of II-VI INCORPORATED
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Rev C
102-0240
Page 2 of 2
Performance Curves
Environment: One atmosphere dry nitrogen
Hot Side Temperature: 27°C
Hot Side Temperature 85°C
TA = 27ºC - Nitrogen (1 ATM)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
ΔT = 0
TA = 85ºC - Nitrogen (1 ATM)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
ΔT = 0
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, consult one of our Applications
Engineers.
Installation
Recommended mounting methods: Bonding with thermal epoxy or soldering with metallized ceramics. For
additional information, please refer to our TEC Installation Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is
recommended. To minimize thermal stress, use linear/proportional temperature control or a similar method
rather than an ON/OFF method.
Addresses
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
www.marlow.com
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
+44 (0)1444-443404 (tel)
+44 (0)1444-443334(fax)
Marlow Industries Japan
1-1-8-401
Uehara, Shibuya-ku
Tokyo, Japan 151-0064
+81 (3) 5454-5280 (tel)
+81 (3) 5454-5281(fax)


Similar Part No. - SP5446-01AC

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SP540 SSOUSA-SP540 Datasheet
165Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
SP541 SSOUSA-SP541 Datasheet
167Kb / 5P
   1 Form A Solid State Relay
SP541-X SSOUSA-SP541-X Datasheet
125Kb / 4P
   1 Form A Solid State Relay
logo
Jinan Jing Heng Electro...
SP545 JINGHENG-SP545 Datasheet
505Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP5446-01AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com