Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8348 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8348
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8348 Datasheet HTML 6Page - Analog Devices AD8348 Datasheet HTML 7Page - Analog Devices AD8348 Datasheet HTML 8Page - Analog Devices AD8348 Datasheet HTML 9Page - Analog Devices AD8348 Datasheet HTML 10Page - Analog Devices AD8348 Datasheet HTML 11Page - Analog Devices AD8348 Datasheet HTML 12Page - Analog Devices AD8348 Datasheet HTML 13Page - Analog Devices AD8348 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADL5375
Rev. 0 | Page 10 of 32
ADL5375-05
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 9. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature;
Multiple Devices Shown
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 10. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature After
Nulling at 25°C; Multiple Devices Shown
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 11. Sideband Suppression vs. LO Frequency (fLO) and Temperature;
Multiple Devices Shown
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 12. Sideband Suppression vs. LO Frequency (fLO) and Temperature After
Nulling at 25°C; Multiple Devices Shown
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
–15
–10
–5
0
5
10
CARRIER
FEEDTHROUGH (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
SIDEBAND
SUPPRESSION (dBc)
0.06
2
BASEBAND INPUT VOLTAGE (V rms)
SSB OUTPUT
POWER (dBm)
Figure 13. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level
(fLO = 900 MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
–15
–10
–5
0
5
10
0.06
2
BASEBAND INPUT VOLTAGE (V rms)
CARRIER
FEEDTHROUGH (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
SIDEBAND
SUPPRESSION (dBc)
SSB OUTPUT
POWER (dBm)
Figure 14. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level
(fLO = 2150 MHz)


Similar Part No. - AD8348

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
AD8348 AD-AD8348 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8348 AD-AD8348 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348-EVAL AD-AD8348-EVAL Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results

Similar Description - AD8348

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com