Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9237C0BDEL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9237C0BDEL
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237C0BDEL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9237C0BDEL Datasheet HTML 6Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 7Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 8Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 9Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 10Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 11Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 12Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 13Page - Torex Semiconductor XC9237C0BDEL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10/28
XC9235/XC9236/XC9237 Series
■OPERATIONAL DESCRIPTION (Continued)
<Short-Circuit Protection>
The short-circuit protection circuit monitors the internal R1 and R2 divider voltage from the VOUT pin (refer to FB point in
the block diagram shown in the previous page). In case where output is accidentally shorted to the Ground and when
the FB point voltage decreases less than half of the reference voltage (Vref) and a current more than the ILIM flows to
the driver transistor, the short-circuit protection quickly operates to turn off and to latch the driver transistor. In latch
mode, the operation can be resumed by either turning the IC off and on via the CE/MODE pin, or by restoring power
supply to the VIN pin.
When sharp load transient happens, a voltage drop at the VOUT is propagated to the FB point through CFB, as a result,
short circuit protection may operate in the voltage higher than 1/2 VOUT voltage.
<U.V.L.O. Circuit>
When the VIN pin voltage becomes 1.4V or lower, the P-channel output driver transistor is forced OFF to prevent false
pulse output caused by unstable operation of the internal circuitry. When the VIN pin voltage becomes 1.8V or higher,
switching operation takes place. By releasing the U.V.L.O. function, the IC performs the soft start function to initiate
output startup operation. The soft start function operates even when the VIN pin voltage falls momentarily below the
U.V.L.O. operating voltage. The U.V.L.O. circuit does not cause a complete shutdown of the IC, but causes pulse output
to be suspended; therefore, the internal circuitry remains in operation.
<PFM Switch Current>
In PFM control operation, until coil current reaches to a specified level (IPFM), the IC keeps the P-ch MOSFET on. In this
case, time that the P-ch MOSFET is kept on (TON) can be given by the following formula.
TON= L
×IPFM (VINVOUT)
→IPFM
<Maximum IPFM Limit>
In PFM control operation, the maximum duty ratio (MAXIPFM) is set to 200% (TYP.). Therefore, under the condition that
the duty increases (e.g. the condition that the step-down ratio is small), it’s possible for P-ch MOSFET to be turned off even
when coil current doesn’t reach to IPFM.
→IPFM
IPFM①
Ton
Lx
I Lx
IPFM
0mA
IPFM②
IPFM
0mA
Lx
I Lx
FOSC
Maxumum IPFM Current


Similar Part No. - XC9237C0BDEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9237C08C4R-G TOREX-XC9237C08C4R-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C08CER TOREX-XC9237C08CER Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C08CER-G TOREX-XC9237C08CER-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C08CMR TOREX-XC9237C08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237C08CMR TOREX-XC9237C08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9237C0BDEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com