Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5823 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5823
Description  Switching Regulator Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5823 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5823 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5823 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5823 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5823 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5823
No.7785-3/4
0
40
80
120
160
20
60
100
140
0.1
0.01
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
100
10
23
5
7
23
5
7
1000
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
2
1000
0.001
2
0.01
7
5
3
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
0.1
2
3
5
7
1.0
2
3
5
7
10
0.1
2
3
5
7
1.0
2
3
5
Ambient Temperature, Ta --
°C
0
1.2
0.8
0.4
1.0
0.6
0.2
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
No
heat
sink
IT06665
IT06220
Tc=25
°C
IB2= --0.3A
L=500
µH, Single pulse
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
IT06219
10ms
Tc=25
°C
Single pulse
1ms
DC
operation
P
C =10W
300
µ
s
P
T =100
µ
s
ICP=3A
IC=1.5A
Case Temperature, Tc --
°C
PC -- Tc
0
12
8
4
10
6
2
0
40
80
120
160
20
60
100
140
IT06222
1.0
0.1
23
23
5
7
Collector Current, IC -- A
IT06218
SW Time -- IC
tstg
tf
IC / IB1=5
IB2 / IB1=2
R load
IT06217
0.01
7
5
3
2
0.1
7
5
3
2
1.0
3
2
VBE(sat) -- IC
Collector Current, IC -- A
IC / IB=5
Ta= --40°C
120°C
25°C
hFE -- IC
Collector Current, IC -- A
IT06215
23
5 7
0.001
0.01
23
5 7 0.1
23
5 7 1.0
23
VCE=5V
1.0
10
7
5
3
2
100
7
5
3
2
3
2
23
5
7
0.01
0.1
23
5
7 1.0
23
5
7 10
0.1
0.01
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
Ta=120°C
25°C
--40°C
VCE(sat) -- IC
Collector Current, IC -- A
IT06216
IC / IB=5
120°
C
25°C
Ta=--40°
C


Similar Part No. - 2SC5823

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
logo
Rohm
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
135Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
940Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
95Kb / 4P
   Power transistor (60V, 3A)
More results

Similar Description - 2SC5823

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com