Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2103MPX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN2103MPX
Description  3A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103MPX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN2103MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2103MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 Rev. 1.0.3
5
Electrical Specifications
Recommended operating conditions are the result of using the circuit shown in Figure 1 unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
SW = Open, FB = 0.7V, VCC = 5V,
FSW = 600KHz
8
12
mA
Shutdown: EN = 0, VCC = 5V
7
10
µA
VCC Current
Power Saving Mode, VCC = 5V, FMIN
2.2
4.5
mA
Rising VCC
4.1
4.3
4.5
V
VCC UVLO Threshold
Hysteresis
300
mV
Power Output Section
N-Channel (Q1) RDS(ON)
31
35
m
Ω
N-Channel (Q2) RDS(ON)
VCC = 5V, 25°C
23
25
m
Ω
Oscillator
RT = 50KΩ
255
300
345
KHz
Frequency
RT = 24KΩ
540
600
660
KHz
Minimum On-Time
(2)
50
65
ns
Ramp Amplitude, pk–pk
16VIN, 1.8VOUT, RT = 30KΩ,
RRAMP = 200KΩ
0.53
V
Minimum Off-Time
(2)
100
150
ns
Reference
FAN2103M, 25°C
794
800
806
mV
Reference Voltage (VFB)
FAN2103EM, 25°C
795
800
805
mV
FAN2103M,
Temp. Coefficient (-10 to +85°C)
50
PPM
FAN2103EM
Temp. Coefficient (-40 to +85°C)
70
PPM
Error Amplifier
DC Gain
(2)
80
85
dB
Gain Bandwidth Product
(2)
12
15
MHz
Output Voltage (VCOMP)
VCC = 5V
0.4
3.2
V
Output Current, Sourcing
VCC = 5V, VCOMP = 2.2V
1.5
2.2
mA
Output Current, Sinking
VCC = 5V, VCOMP = 1.2V
0.8
1.2
mA
FB Bias Current
VFB = 0.8V, 25°C
-850
-650
-450
nA
Protection and Shutdown
Current Limit
RILIM open
3.8
5.0
7.0
A
ILIM Current
25°C, VCC = 5V
9
10
11
µA
Over-Temperature Shutdown
160
°C
Over-Temperature Hysteresis
Internal Temperature
30
°C
Over-Voltage Threshold
2 Consecutive Clock Cycles
110
115
120
%VOUT
Under-Voltage Shutdown
16 Consecutive Clock Cycles
68
73
78
%VOUT
Fault Discharge Threshold
Measured at FB Pin
250
mV
Fault Discharge Hysteresis
Measured at FB Pin (VFB ~500mV)
250
mV
Note:
2.
Specifications guaranteed by design and characterization; not production tested.


Similar Part No. - FAN2103MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2103MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com