Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX-A4G Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7CX-A4G
Description  Multifunction Preset Counter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-A4G Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7CX-A4G Datasheet HTML 1Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 2Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 3Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 4Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 5Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 6Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 7Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 8Page - Omron Electronics LLC H7CX-A4G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
C-88
Multifunction Preset Counter
H7CX
Model Number Structure
I Model Number Legend
1. External connection
None: Screw terminals
11:
11-pin socket
2. No. of digits
None: 6 digits
4:
4 digits
3. Stage setting
None: 1-stage setting
U:
Factory-set to 1-stage setting
W:
Factory-set to 2-stage setting
4. Output type
None: Contact output or contact and transistor in combination
S:
Transistor output
5. Supply voltage/external power supply
None: 100 to 240 VAC at 50/60 Hz with 12 VDC power supply
D:
12 to 24 VDC without external power supply
D1:
12 to 24 VDC or 24 VAC at 50/60 Hz with 12 VDC power
supply
6. Case color
None: Black
G:
Light gray (Munsell 5Y7/1): Produced upon request.
Ordering Information
I List of Models
Note: Can be used as a 2-stage counter. In this case, each output can be flexibly allocated to either stage 1 or 2.
I Accessories (Order Separately)
Note: 1. Supplied with screw-terminal models (i.e., excluding H7CX-A11
@/-A114@ models).
2. Y92A-48G is a finger-safe terminal cover attached to the P3GA-11 Socket.
1 2 3 4 5 6
H7CX-A
@@@@@@
Supported configurations
• 1-stage counter
• 1-stage counter with total counter
• 1-stage counter
• 2-stage counter
• 1-stage counter with total
counter
• 1-stage counter with batch
counter
• Dual counter (addition/subtrac-
tion)
• Tachometer
• 1-stage counter
• 2-stage counter
• 1-stage counter
with total counter
• 1-stage counter
with batch counter
• Dual counter (addi-
tion only)
Sensor
power
supply
Output type
Supply voltage
11-pin socket
Screw terminal
1-stage
1-stage
(See note.)
2-stage
6 digits
4 digits
6 digits
4 digits
6 digits
6 digits
4 digits
H7CX-A11
@
H7CX-A114
@
H7CX-A
@
H7CX-A4
@
H7CX-AU
@
H7CX-AW
@
H7CX-A4W
@
12 VDC
Contact output
100 to 240 VAC
H7CX-A11
H7CX-A114
H7CX-A
H7CX-A4
---
H7CX-AW
H7CX-A4W
12 to 24 VDC/
24 VAC
H7CX-A11D1
H7CX-A114D1
---
---
---
H7CX-AWD1
---
Contact and
transistor output
100 to 240 VAC
---
---
---
---
H7CX-AU
---
---
12 to 24 VDC/
24 VAC
---
---
---
---
H7CX-AUD1
---
---
Transistor output
100 to 240 VAC
H7CX-A11S
H7CX-A114S
H7CX-AS
H7CX-A4S
---
H7CX-AWS
---
12 to 24 VDC/
24 VAC
H7CX-A11SD1
---
---
---
H7CX-AUSD1
H7CX-AWSD1
---
None
Contact output
12 to 24 VDC
---
---
H7CX-AD
H7CX-A4D
---
---
---
Transistor output
---
---
H7CX-ASD
H7CX-A4SD
---
H7CX-AWSD
H7CX-A4WSD
Name
Models
Flush Mounting Adapter (See note 1.)
Y92F-30
Waterproof Packing (See note 1.)
Y92S-29
Track Mounting/Front Connecting
Socket
11-pin
P2CF-11
11-pin, finger-safe type
P2CF-11-E
Back Connecting Socket
11-pin
P3GA-11
11-pin, finger-safe type
P3GA-11 with Y92A-48G (See note 2.)
Hard Cover
Y92A-48
Soft Cover
Y92A-48F1
Mounting Track
50 cm (l)
× 7.3 mm (t)
PFP-50N
1 m (l)
× 7.3 mm (t)
PFP-100N
1 m (l)
× 16 mm (t)
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S


Similar Part No. - H7CX-A4G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-A4-N OMRON-H7CX-A4-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A4D-N OMRON-H7CX-A4D-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A4S-N OMRON-H7CX-A4S-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A4SD-N OMRON-H7CX-A4SD-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A4W-N OMRON-H7CX-A4W-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
More results

Similar Description - H7CX-A4G

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
   Multifunction Counter
logo
Omron Electronics LLC
H7BX OMRON-H7BX Datasheet
3Mb / 27P
   Multifunction Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
Omron Electronics LLC
H7CX-X-N OMRON-H7CX-X-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
   Multifunction Timer/Counter with
logo
SELEC Controls Pvt. Ltd
XC22B SELEC-XC22B Datasheet
138Kb / 1P
   4 Digit Preset Counter
logo
ATMEL Corporation
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
   Multifunction Timer/Counter with
logo
FOTEK CONTROLS CO., LTD...
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com