Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9111B171MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9111B171MR
Description  PFM Controlled Step-Up DC/DC Converter / Controller ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9111B171MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9111B171MR Datasheet HTML 7Page - Torex Semiconductor XC9111B171MR Datasheet HTML 8Page - Torex Semiconductor XC9111B171MR Datasheet HTML 9Page - Torex Semiconductor XC9111B171MR Datasheet HTML 10Page - Torex Semiconductor XC9111B171MR Datasheet HTML 11Page - Torex Semiconductor XC9111B171MR Datasheet HTML 12Page - Torex Semiconductor XC9111B171MR Datasheet HTML 13Page - Torex Semiconductor XC9111B171MR Datasheet HTML 14Page - Torex Semiconductor XC9111B171MR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11/35
XC9110/XC9111
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Voltage
VOUT
Connect to external components
×
0.975
VOUT
×1
.025
V
Output Voltage
Temperature Characteristics
VOUT
VOUT・△
topr
Connect to external components
- 40℃≦Topr≦85℃
-
±
100
-
ppm/
Maximum Input Voltage
VIN
10
-
-
V
-
Operation Start Voltage
VST1
IOUT=1mA, connect to external
components
-
0.8
0.9
V
Oscillation Start Voltage
VST2
Applied 0.8V to VOUT
-
-
0.8
V
Operation Hold Voltage
VHLD
IOUT=1mA, connect to external
components
0.7
-
-
V
Supply Current 1 (*1)
IDD1
Applied (output voltage×0.95) to VOUT
-
E2-1(*)
E2-2(*)
μ
A
Supply Current 2
IDD2
Applied (output voltage+0.5V) to VOUT
-
E3-1(*)
E3-2(*)
μ
A
EXT H ON Resistance
REXTH
Same as IDD1, VEXT=VOUT=-0.4V (*2)
-
E5-1(*)
E5-2(*)
Ω
EXT L ON Resistance
REXTL
Same as IDD1, VEXT=0.4V (*3)
-
E6-1(*)
E6-2(*)
Ω
Duty Ratio
DTY
Same as IDD1, measure Lx waveform
E7-1(*)
E7-2(*)
E7-3(*)
%
Duty Ratio 2
DTY2
IOUT=1mA, measure Lx ON time
(XC9111 only) Connect to external
48
56
64
%
Maximum Oscillation
MAXFOSC
Same as IDD1
85
100
115
kHz
Maximum Oscillation
MAXFOSC
Same as IDD1 (XC9111 only)
153
180
207
kHz
Efficiency (*4)
EFFI
Connect to external components
-
E9(*)
-
%
Test condition : Unless otherwise specified, connect VDD to VOUT, VIN=VOUT×0.6, IOUT=<C1(*)>
NOTE:
*1: "Supply Current 1" is the value when the IC is constantly switching. In actual operation, the oscillator periodically switches, resulting
in lower power consumption.
*2: EXT H ON resistance can be calculated by (0.4 x Rp) / (VEXT - Vpull). * Change Vpull so that VEXT will become VOUT-0.4V.
*3: EXT L ON resistance can be calculated by (VEXT x Rp) / (Vpull - VEXT). * Change Vpull so that VEXT will become 0.4V.
*4: EFFI={[output voltage]×(output current)} / [(input voltage)×(input current)]×100
*5: When using VDD and VOUT separately, please set the voltage range of VDD from 1.5V to 10V.
The IC operates from VDD=0.8V, but output voltage and oscillation frequency will be stable when VDD=1.5V or more.
*6: Please be aware of the absolute maximum ratings of the external components.
(*): Please refer to the charts.
Ta = 25℃
XC9110Fxx1MR, XC9111Fxx1MR
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC9111B171MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116 TOREX-XC9116 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADR TOREX-XC9116B02ADR Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
More results

Similar Description - XC9111B171MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
524Kb / 12P
   PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com