Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX-AUG Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H7CX-AUG
Description  Multifunction Preset Counter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-AUG Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H7CX-AUG Datasheet HTML 4Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 5Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 6Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 7Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 8Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 9Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 10Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 11Page - Omron Electronics LLC H7CX-AUG Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
C-94
Multifunction Preset Counter
H7CX
I Terminal Arrangement
Confirm that the power supply meets specifications before use.
Note: Do not connect unused terminals as relay terminals.
6789
10
11
12
13
(
−)
(+)
0 V
1234
5
6789
10
11
12
13
(+)
(
−)
0 V
1234
5
6789
10
11
12
13
12345
(
−)
(+)
0 V
6789
10
11
12
13
0 V
12345
(+)
(
−)
6
7
8
9
10
11
1
2
3
4
5
(+)
(
−)
CP1
CP2
0 V
(
−)
(+)
6
7
8
9
10
11
1
2
3
4
5
(+)
(
−)
CP1
CP2
0 V
(
−)
(+)
OUT
OUT
OUT
OUT
OUT
OUT
Sensor, etc.
Unused
Unused
12 VDC
Unused
Unused
Unused
Note: Terminals 1 and 6 are connected internally.
Sensor, etc.
12 VDC
Unused
Unused
Unused
Unused
Unused
Note: Terminals 1 and 6 are connected internally.
Reset
Total reset
Sensor, etc.
12 VDC
External power supply
Internal circuit
Reset
Total reset
Sensor, etc.
12 VDC
External power supply
Internal circuit
H7CX-A/-A4
1-stage Contact Output
External power
supply
H7CX-AS/-A4S
1-stage Transistor Output
External power
supply
H7CX-A11/-A114/-A11D1/-A114D1
1-stage Contact Output
H7CX-AD/-A4D
1-stage Contact Output
H7CX-ASD/-A4SD
1-stage Transistor Output
H7CX-A11S/-A114S/-A11SD1
1-stage Transistor Output


Similar Part No. - H7CX-AUG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-AU-N OMRON-H7CX-AU-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-AUD1-N OMRON-H7CX-AUD1-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-AUSD1-N OMRON-H7CX-AUSD1-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
More results

Similar Description - H7CX-AUG

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
   Multifunction Counter
logo
Omron Electronics LLC
H7BX OMRON-H7BX Datasheet
3Mb / 27P
   Multifunction Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
Omron Electronics LLC
H7CX-X-N OMRON-H7CX-X-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
   Multifunction Timer/Counter with
logo
SELEC Controls Pvt. Ltd
XC22B SELEC-XC22B Datasheet
138Kb / 1P
   4 Digit Preset Counter
logo
ATMEL Corporation
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
   Multifunction Timer/Counter with
logo
FOTEK CONTROLS CO., LTD...
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com