Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC075IDR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC075IDR
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC075IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC075IDR Datasheet HTML 5Page - Texas Instruments TLC075IDR Datasheet HTML 6Page - Texas Instruments TLC075IDR Datasheet HTML 7Page - Texas Instruments TLC075IDR Datasheet HTML 8Page - Texas Instruments TLC075IDR Datasheet HTML 9Page - Texas Instruments TLC075IDR Datasheet HTML 10Page - Texas Instruments TLC075IDR Datasheet HTML 11Page - Texas Instruments TLC075IDR Datasheet HTML 12Page - Texas Instruments TLC075IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006
9
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
AVD
Large-signal differential voltage
VO(PP) = 8 V,
RL = 10 kΩ
25
°C
120
140
dB
AVD
Large-signal differential voltage
amplification
VO(PP) = 8 V,
RL = 10 kΩ
Full range
120
dB
ri(d)
Differential input resistance
25
°C
1000
G
CIC
Common-mode input
capacitance
f = 10 kHz
25
°C
21.6
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25
°C
0.25
CMRR
Common-mode rejection ratio
VIC = 1 to 10 V,
RS = 50 Ω
25
°C
80
100
dB
CMRR
Common-mode rejection ratio
VIC = 1 to 10 V,
RS = 50 Ω
Full range
80
dB
kSVR
Supply voltage rejection ratio
VDD = 4.5 V to 16 V,
VIC = VDD /2,
25
°C
80
100
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 4.5 V to 16 V,
No load
VIC = VDD /2,
Full range
80
dB
IDD
Supply current (per channel)
VO = 7.5 V,
No load
25
°C
2.1
2.9
mA
IDD
Supply current (per channel)
VO = 7.5 V,
No load
Full range
3.5
mA
IDD(SHDN)
Supply current in shutdown
mode (TLC070, TLC073,
SHDN
≤ 0.8 V
25
°C
125
200
A
IDD(SHDN) mode (TLC070, TLC073,
TLC075) (per channel)
SHDN
≤ 0.8 V
Full range
250
µA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.


Similar Part No. - TLC075IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC075IDR TI-TLC075IDR Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC075IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com