Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI1021T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MI1021T
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI1021T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MI1021T Datasheet HTML 1Page - List of Unclassifed Manufacturers MI1021T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermoelectric Cooler
MI1021T
Copyright 2000, Marlow Industries, Inc. Marlow Industries reserves the right to change the design and specifications of products without notice. 102-0017, Rev D
Performance Curves
Environment: One atmosphere dry nitrogen
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
2.0
1.6
1.2
0.8
0.4
0.0
2.0
1.6
1.2
0.8
0.4
0.0
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
2.0
1.6
1.2
0.8
0.4
0.0
2.0
1.6
1.2
0.8
0.4
0.0
Hot Side Temperature: 27°C
Hot Side Temperature: 50°C
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, consult one of our
Applications Engineers.
Installation
Recommended mounting methods: Bonding with thermal epoxy or soldering with metallized ceramics. For additional
information, please refer to our TEC Installation Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is recommended. To
minimize thermal stress, use linear/proportional temperature control or a similar method rather than an ON/OFF method.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
TEL: 214-340-4900
FAX: 214-341-5212
Internet: http://www.marlow.com
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
TEL: +44 (0)1444-443404
FAX: +44 (0)1444-443334
Marlow Industries Asia
1-1-8-401
Uehara, Shibuya-ku
Tokyo, Japan 151-0064
TEL: +81 (3) 5454-5280
FAX: +81 (3) 5454-5281


Similar Part No. - MI1021T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI1020H27AH ETC1-MI1020H27AH Datasheet
317Kb / 2P
   5mm X 7mm Ceramic SMD
MI1020H27H ETC1-MI1020H27H Datasheet
317Kb / 2P
   5mm X 7mm Ceramic SMD
MI1020H48AH ETC1-MI1020H48AH Datasheet
317Kb / 2P
   5mm X 7mm Ceramic SMD
MI1020H48H ETC1-MI1020H48H Datasheet
317Kb / 2P
   5mm X 7mm Ceramic SMD
MI1020HAH ETC1-MI1020HAH Datasheet
317Kb / 2P
   5mm X 7mm Ceramic SMD
More results

Similar Description - MI1021T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com