Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W79E217A Datasheet(PDF) 6 Page - Winbond

Part # W79E217A
Description  8-bit Microcontroller
Download  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E217A Datasheet(HTML) 6 Page - Winbond

Back Button W79E217A Datasheet HTML 2Page - Winbond W79E217A Datasheet HTML 3Page - Winbond W79E217A Datasheet HTML 4Page - Winbond W79E217A Datasheet HTML 5Page - Winbond W79E217A Datasheet HTML 6Page - Winbond W79E217A Datasheet HTML 7Page - Winbond W79E217A Datasheet HTML 8Page - Winbond W79E217A Datasheet HTML 9Page - Winbond W79E217A Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 207 page
background image
Preliminary W79E217A Data Sheet
Publication Release Date: December 14, 2007
- 6 -
Revision A3.0
2. FEATURES
Fully-static-design 8-bit 4T-8051 CMOS microcontroller up to 33MHz.
64-KB of in-system-programmable Flash EPROM (AP Flash EPROM).
4-KB of Auxiliary Flash EPROM for the loader program (LD Flash EPROM). User can optionally
reboot from LD Flash EPROM by pull low at either P4.3 or P3.6 and P3.7, at external reset.
2-KB auxiliary RAM, software-selectable, accessed by MOVX instruction.
2-KB of NVM Data Flash EPROM for customer data storage used.
256 bytes of scratch-pad RAM.
Seven 8-bit bi-directional ports; Port 0 has internal pull-up resisters enabled by software.
One 4-bit multipurpose I/O port4 with Chips select (CS) and boot function.
Three 16-bit timers.
One 16-bit Timer 3 for Motion Feed-Back Module.
Motion Feedback Module - QEI decoder and 3 Inputs Capture.
Eight channels of 12-bit PWM:-
 
− Complementary paired output with programmable dead-time insertion.
 
− Three modes: Edge aligned, center aligned and single shot.
 
− Output override control for BLDC motor application.
10-bit ADC with 8-channel inputs.
Two enhanced full-duplex UART with framing-error detection and automatic address recognition.
One channel of I2C with master/slave capability.
One channel of SPI with master/slave capability.
LCD driver output:-
 
− 32segment X 4common.
 
− 1/3 duty (1/3 bias), 1/4 duty (1/3 bias) driving mode can be selected.
 
− LCD driver output pin can be used as DC output.
Software programmable access cycle to external RAM/peripherals.
20 interrupt sources with four levels of priority.
Software reset function.
Optional H/L state of ALE/PSEN during power down mode.
Built-in power management.
Code protection.
Package:
 
− Lead Free (RoHS) PQFP 100:
W79E217AFG


Similar Part No. - W79E217A

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79E217A NUVOTON-W79E217A Datasheet
4Mb / 208P
   8-bit Microcontroller
W79E217AFG NUVOTON-W79E217AFG Datasheet
4Mb / 208P
   8-bit Microcontroller
More results

Similar Description - W79E217A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com