Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT273A Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHCT273A
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT273A Datasheet(HTML) 5 Page - STMicroelectronics

  74VHCT273A Datasheet HTML 1Page - STMicroelectronics 74VHCT273A Datasheet HTML 2Page - STMicroelectronics 74VHCT273A Datasheet HTML 3Page - STMicroelectronics 74VHCT273A Datasheet HTML 4Page - STMicroelectronics 74VHCT273A Datasheet HTML 5Page - STMicroelectronics 74VHCT273A Datasheet HTML 6Page - STMicroelectronics 74VHCT273A Datasheet HTML 7Page - STMicroelectronics 74VHCT273A Datasheet HTML 8Page - STMicroelectronics 74VHCT273A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM 1: PROPAGATION DELAYS, SETUP AND HOLD TIMES (f=1MHz; 50% duty cycle)
74VHCT273A
5/9


Similar Part No. - 74VHCT273A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT273A STMICROELECTRONICS-74VHCT273A Datasheet
302Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74VHCT273AMTR STMICROELECTRONICS-74VHCT273AMTR Datasheet
302Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74VHCT273ATTR STMICROELECTRONICS-74VHCT273ATTR Datasheet
302Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74VHCT273A STMICROELECTRONICS-74VHCT273A_04 Datasheet
302Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - 74VHCT273A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com