Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6415DC017R-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6415DC017R-G
Description  Dual LDO Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6415DC017R-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6415DC017R-G Datasheet HTML 1Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 2Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 3Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 4Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 5Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 6Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 7Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 8Page - Torex Semiconductor XC6415DC017R-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/23
XC6415 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
- 0.3 ~ + 6.5
V
Output Current
IOUT1 + IOUT2
500
(*1)
mA
Output Voltage 1 / Output Voltage 2
VOUT1 / VOUT2
VSS - 0.3 ~ VIN + 0.3
V
EN1/EN2 Input Voltage
VEN1 / VEN2
VSS - 0.3 ~ + 6.5
V
SOT-26
250
100
USP-6C
1000 (PCB mounted)(*2)
Power Dissipation
USPN-6
Pd
100
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
BLOCK DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
Ta=25OC
*1: Please use within the range of Pd > { (VIN-VOUT1)×IOUT1 + (VIN-VOUT2)×IOUT2 }
*2: The power dissipation figure shown is PCB mounted. Please refer to page 21 for details.
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
each
circuit
VR1
ON/OFF
Control
EN1
VIN
VSS
VOUT1
R11
R12
Error
Amp 1
-
+
EN1
EN 1/
Voltage
Reference
Current
Limit
each
circuit
VR2
ON/OFF
Control
EN2
VOUT2
R21
R22
Error
Amp 2
-
+
EN2
EN 2/
Voltage
Reference
Current
Limit
each
circuit
VR1
ON/OFF
Control
EN1
VIN
VSS
VOUT1
R11
R12
Error
Amp 1
-
+
EN1
EN1/
Voltage
Reference
Current
Limit
EN1/
Rdischg
each
circuit
VR2
ON/OFF
Control
EN2
VOUT2
R21
R22
Error
Amp 2
-
+
EN2
EN2/
Voltage
Reference
Current
Limit
EN2/
Rdischg
each
circuit
VR1
ON/OFF
Control
EN 1
VIN
VSS
VOUT1
R11
R12
Error
Amp 1
-
+
EN1
EN 1/
Voltage
Reference
Current
Limit
each
circuit
VR2
ON/OFF
Control
EN 2
VOUT2
R21
R22
Error
Amp 2
-
+
EN2
EN 2/
Voltage
Reference
Current
Limit
each
circuit
VR1
ON/OFF
Control
EN1
VIN
VSS
VOUT1
R11
R12
Error
Amp 1
-
+
EN1
EN1/
Voltage
Reference
Current
Limit
EN1/
Rdischg
each
circuit
VR2
ON/OFF
Control
EN2
VOUT2
R21
R22
Error
Amp 2
-
+
EN2
EN2/
Voltage
Reference
Current
Limit
EN2/
Rdischg
<XC6415AA, CC Series>
<XC6415BB, DD Series>
<XC6415EE, GG Series>
<XC6415FB, HD Series>


Similar Part No. - XC6415DC017R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results

Similar Description - XC6415DC017R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com