Electronic Components Datasheet Search |
|
XC9237C3ACML Datasheet(PDF) 2 Page - Torex Semiconductor |
|
XC9237C3ACML Datasheet(HTML) 2 Page - Torex Semiconductor |
2 / 28 page 2/28 XC9235/XC9236/XC9237 Series PIN NUMBER SOT-25 USP-6C PIN NAME FUNCTION 1 6 VIN Power Input 2 2, 5 VSS Ground 3 4 CE / MODE Chip Enable Mode Switch 4 3 VOUT Output Voltage Sense 5 1 Lx Switching Output DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION A : CE input logic High Active B : CE input logic High Active, high speed soft start, CL discharge ①. Transistor built-in, Output voltage internally set (VOUT product), Soft-start internally set C : CE input logic High Active, CL discharge ② Output Voltage 0~4 : Integer number of output voltage e.g. VOUT=2.8V→②=2, VOUT=3.3V→②=3 ③ Output Voltage 0~9, A~M : Decimal number of output voltage 50mV increments: 0.05=A, 0.15=B, 0.25=C, 0.35=D, 0.45=E, 0.55=F, 0.65=H, 0.75=K, 0.85=L, 0.95=M e.g. VOUT=2.8V→②=2, ③=8 VOUT=2.85V→②=2, ③=L C : 1.2MHz ④ Oscillation Frequency D : 3.0MHz M : SOT-25 (SOT-23-5) ⑤ Packages E : USP-6C R : Embossed tape, standard feed ⑥ Device Orientation L : Embossed tape, reverse feed 1 3 2 5 4 SOT-25 (Top View) USP-6C (BOTTOM VIEW) VSS CE/MODE VIN Lx VOUT CE/MODE 4 2 V SS V IN 6 1 Lx 3 V OUT V SS 5 ■PIN CONFIGURATION * Please short the VSS pin (No. 2 and 5). * The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS (No. 5) pin. ■PIN ASSIGNMENT ■PRODUCT CLASSIFICATION ●Ordering Information XC9235①②③④⑤⑥ PWM fixed control XC9236①②③④⑤⑥ PWM / PFM automatic switching control XC9237①②③④⑤⑥ PWM fixed control PWM / PFM automatic switching, manual switching |
Similar Part No. - XC9237C3ACML |
|
Similar Description - XC9237C3ACML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |