Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX-ASDG Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # H7CX-ASDG
Description  Multifunction Preset Counter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASDG Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button H7CX-ASDG Datasheet HTML 6Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 7Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 8Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 9Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 10Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 11Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 12Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 13Page - Omron Electronics LLC H7CX-ASDG Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
C-96
Multifunction Preset Counter
H7CX
I Input Circuits
CP1, CP2, Reset/Reset 1, and Total Reset/Reset 2 Input
Note: The circuit shown above is for no-voltage input (NPN input).
I Input Connections
The inputs of the H7CX are no-voltage (short-circuit or open) inputs or voltage inputs.
No-voltage Inputs (NPN Inputs)
No-voltage Input Signal Levels
Applicable Two-wire Sensor
Leakage current:1.5 mA max.
Switching capacity:5 mA min.
Residual voltage:3 VDC max.
Operating voltage:10 VDC
+14 V
1 k
IN
Internal
circuit
6
7
8
9
10
3
7
5
6
4
6
7
8
9
3
7
5
6
10
4
6
7
8
9
3
7
5
6
10
4
Open Collector
H7CX-A
@
H7CX-A11
@
Operates when the transistor turns ON.
0 V
Voltage Output
Sensor
Operates when the transistor turns ON.
Contact Input
Operates when the contact turns ON.
PLC or
sensor
0 V
H7CX-A
@
H7CX-A11
@
0 V
H7CX-A
@
H7CX-A11
@
No-contact input
Short-circuit level
Transistor ON
Residual voltage: 3 V max.
Impedance when ON: 1 K
Ω max.
(The leakage current is 5 to 20 mA when the
impedance is 0
Ω.)
Open level
Transistor OFF
Impedance when OFF: 100 K
Ω min.
Contact input
Use contact which can adequately switch
5 mA at 10 V.
Maximum applicable voltage: 30 VDC max.
6
7
8
9
3
7
5
6
10
4
H7CX-A
@
Operates when the transistor turns ON.
H7CX-A11
@
DC Two-wire Sensor
0 V


Similar Part No. - H7CX-ASDG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-ASD-N OMRON-H7CX-ASD-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
More results

Similar Description - H7CX-ASDG

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
   Multifunction Counter
logo
Omron Electronics LLC
H7BX OMRON-H7BX Datasheet
3Mb / 27P
   Multifunction Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
Omron Electronics LLC
H7CX-X-N OMRON-H7CX-X-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
   Multifunction Timer/Counter with
logo
SELEC Controls Pvt. Ltd
XC22B SELEC-XC22B Datasheet
138Kb / 1P
   4 Digit Preset Counter
logo
ATMEL Corporation
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
   Multifunction Timer/Counter with
logo
FOTEK CONTROLS CO., LTD...
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com