Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7CX Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H7CX
Description  Multifunction Preset Counter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX Datasheet(HTML) 5 Page - Omron Electronics LLC

  H7CX Datasheet HTML 1Page - Omron Electronics LLC H7CX Datasheet HTML 2Page - Omron Electronics LLC H7CX Datasheet HTML 3Page - Omron Electronics LLC H7CX Datasheet HTML 4Page - Omron Electronics LLC H7CX Datasheet HTML 5Page - Omron Electronics LLC H7CX Datasheet HTML 6Page - Omron Electronics LLC H7CX Datasheet HTML 7Page - Omron Electronics LLC H7CX Datasheet HTML 8Page - Omron Electronics LLC H7CX Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Multifunction Preset Counter
H7CX
C-91
I Characteristics
Note: 1. To meet UL listing requirements with the H7CX-A11
@ models, an OMRON P2CF-11-@ or P3GA-11 Socket must be mounted on the
H7CX. Otherwise, H7CX-A11
@ models are considered to meet UL508 recognition requirements.
2. A waterproof packing is necessary to ensure IP66 waterproofing between the H7CX and installation panel.
item
H7CX
Insulation resistance
100 M
Ω min. (at 500 VDC) between current-carrying terminal and exposed non-current-carrying metal parts, and be-
tween non-continuous contacts
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and non-current-carrying metal parts
2,000 VAC (for 100 to 240 VAC), 50/60 Hz for 1 min between power supply and input circuit (1,000 VAC for 24 VAC/
12 to 24 VDC)
1,000 VAC (for H7CX-
@SD/-@SD1), 50/60 Hz for 1 min between control output, power supply, and input circuit
(2,000 VAC for models other than H7CX-
@SD/-@SD1)
1,000 VAC, 50/60 Hz for 1 min between non-continuous contacts
Impulse withstand
voltage
3 kV (between power terminals) for 100 to 240 VAC, 1 kV for 24 VAC/12 to 24 VDC and 12 to 24 VDC
4.5 kV (between current-carrying terminal and exposed non-current-carrying metal parts) for 100 to 240 VAC,
1.5 kV for 24 VAC/12 to 24 VDC and 12 to 24 VDC
Noise immunity
±1.5 kV (between power terminals) for 100 to 240 VAC and 24 VAC/12 to 24 VDC, ±480 V for 12 to 24 VDC
±600 V (between input terminals)
Square-wave noise by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
Static immunity
Destruction: 15 kV
Malfunction: 8 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm single amplitude, four cycles each in three directions (8 minutes per cycle)
Malfunction: 10 to 55 Hz with 0.35-mm single amplitude, four cycles each in three directions (8 minutes per cycle)
Shock resistance
Destruction: 294 m/s2 each in three directions
Malfunction: 98 m/s2 each in three directions
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical:
100,000 operations min. (3 A at 250 VAC, resistive load)
See Life-test Curve on page 92.
Approved safety
standards
(See note 1.)
UL508/Listing, CSA C22.2 No. 14, conforms to EN61010-1 (Pollution degree 2/overvoltage category II)
Conforms to VDE0106/P100 (finger protection).
EMC
(EMI)
EN61326
Emission Enclosure:
EN55011 Group 1 class A
Emission AC mains:
EN55011 Group 1 class A
(EMS)
EN61326
Immunity ESD:
EN61000-4-2:
4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
EN61000-4-3:
10 V/m (Amplitude-modulated, 80 MHz to 1 GHz) (level 3);
10 V/m (Pulse-modulated, 900 MHz
±5 MHz) (level 3)
Immunity Conducted Disturbance: EN61000-4-6:
10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4:
2 kV power-line (level 3);
1 kV I/O signal-line (level 4)
Immunity Surge:
EN61000-4-5:
1 kV line to lines (power and output lines) (level 2);
2 kV line to ground (power and output lines) (level 3)
Immunity Voltage Dip/Interruption
EN61000-4-11:
0.5 cycle, 100% (rated voltage)
Degree of protection
Panel surface: IP66 and NEMA Type 4 (indoors) (See note 2.)
Weight
Approx. 140 g


Similar Part No. - H7CX

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-A-N OMRON-H7CX-A-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A11-N OMRON-H7CX-A11-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A114-N OMRON-H7CX-A114-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A114D1-N OMRON-H7CX-A114D1-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
H7CX-A114S-N OMRON-H7CX-A114S-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
More results

Similar Description - H7CX

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
   Multifunction Counter
logo
Omron Electronics LLC
H7BX OMRON-H7BX Datasheet
3Mb / 27P
   Multifunction Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
Omron Electronics LLC
H7CX-X-N OMRON-H7CX-X-N Datasheet
5Mb / 56P
   Multifunction Counter/Tachometer
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
   Multifunction Timer/Counter with
logo
SELEC Controls Pvt. Ltd
XC22B SELEC-XC22B Datasheet
138Kb / 1P
   4 Digit Preset Counter
logo
ATMEL Corporation
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
   Multifunction Timer/Counter with
logo
FOTEK CONTROLS CO., LTD...
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com