Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-NH21 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3X-NH21
Description  Fine Tuning Fiber Photoelectric Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NH21 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3X-NH21 Datasheet HTML 1Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 2Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 3Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 4Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 5Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 6Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 7Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 8Page - Omron Electronics LLC E3X-NH21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
E3X-NH
E3X-NH
4
Reflective Sensors
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
: E3X-NH
: E3X-NHB
Application
Features
Appearance
Sensing distance (mm) *
Min. sensing
object
(Copper
strand)
Model
Permis-
sible
bending
radius
Long distance
M6
M6 screw
200
26
0.012-mm dia.
E32-D11L
25 mm
3 dia.; small
diameter
3-mm dia.
120
16
E32-D12
M4
M4 screw
50
E32-D21L
3 dia.; small
diameter
3-mm dia.
50
E32-D22L
General-pur-
pose
M6
M6 screw
150
20
0.012-mm dia.
E32-DC200
25 mm
M3; small diameter
M3 screw
36
E32-DC200E
Thin fiber
2.5 dia.; with sleeve
M6 screw
( ): E32-DC200B4
90 mm (40 mm)
2.5 dia.
150
20
0.012-mm dia.
E32-DC200B
E32-DC200B4
25 mm
1.2 dia.; with sleeve
M3 screw
( ): E32-DC200F4
90 mm (40 mm)
1.2 dia.
36
E32-DC200F
E32-DC200F4
Minute object
sensing (0.8 mm
dia.)
3-mm dia.
0.8-mm dia.
10
E32-D33
Flexible (R1)
Possible to bend
like electric wires
(R1);
M6 screw
90
0.02-mm dia.
E32-D11R
1 mm
M3 screw
14
E32-D21R
Flexible (resists
breaking) (R4)
Ideal for mounting
on moving sections
(R4)
M6 screw
90
12
0.012-mm dia.
E32-D11
4 mm
M3 screw
14
E32-D21
Coaxial
reflective
M6 Coaxial;
positioning
accuracy
M6 screw
150
20
0.012-mm dia.
E32-CC200
25 mm
3-dia. Coaxial;
positioning
accuracy
3-mm dia.
80
10
E32-D32L
2-dia. Coaxial;
high-precision
positioning
possible; possible
to mount small-spot
(0.5-mm dia) lens
(E39-F3A)
2-mm dia.
40
E32-D32
Note:
1. For common specifications of the Fiber Unit, refer to page 6.
2. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens).
3. The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified. In case of the reflective Fiber
Units, however, the sensing distance indicates the distance where the smallest object can be sensed.
*
Sensing distance indicates values for white paper.


Similar Part No. - E3X-NH21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-NH ETC1-E3X-NH Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-NH OMRON-E3X-NH Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-NH11 OMRON-E3X-NH11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-NH41 OMRON-E3X-NH41 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
logo
List of Unclassifed Man...
E3X-NHB ETC1-E3X-NHB Datasheet
190Kb / 6P
   Fiber-Optic Accessories
More results

Similar Description - E3X-NH21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com