Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78M10CKVURG3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UA78M10CKVURG3
Description  POSITIVE-VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M10CKVURG3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UA78M10CKVURG3 Datasheet HTML 2Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 3Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 4Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 5Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 6Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 7Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 8Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 9Page - Texas Instruments UA78M10CKVURG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059P – JUNE 1976 – REVISED OCTOBER 2005
at specified virtual junction temperature, V
I = 10 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
µA78M05I
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
4.8
5
5.2
IO = 5 mA to 350 mA,
Output voltage
V
VI = 7 V to 20 V
TJ = –40°C to 125°C
4.75
5.25
VI = 7 V to 25 V
3
100
Input voltage regulation
IO = 200 mA
mV
VI = 8 V to 25 V
1
50
IO = 100 mA, TJ = –40°C to 125°C
62
VI = 8 V to 18 V,
Ripple rejection
dB
f = 120 Hz
IO = 300 mA
62
80
IO = 5 mA to 500 mA
20
100
Output voltage regulation
mV
IO = 5 mA to 200 mA
10
50
Temperature coefficient
IO = 5 mA,
TJ = –40°C to 125°C
–1
mV/
°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
40
200
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
IO = 200 mA, VI = 8 V to 25 V, TJ = –40°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = –40°C to 125°C
0.5
Short-circuit output current
VI = 35 V
300
mA
Peak output current
0.7
A
(1)
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
at specified virtual junction temperature, V
I = 11 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
µA78M06C
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP MAX
5.75
6
6.25
Output voltage
IO = 5 mA to 350 mA,
VI = 8 V to 21 V
V
TJ = 0°C to 125°C
5.7
6.3
VI = 8 V to 25 V
5
100
Input voltage regulation
IO = 200 mA
mV
VI = 9 V to 25 V
1.5
50
IO = 100 mA,
59
TJ = 0°C to 125°C
Ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
dB
IO = 300 mA
59
80
IO = 5 mA to 500 mA
20
120
Output voltage regulation
mV
IO = 5 mA to 200 mA
10
60
Temperature coefficient
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
45
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
VI = 9 V to 25 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
Short-circuit output current
VI = 35 V
270
mA
Peak output current
0.7
A
(1)
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
6


Similar Part No. - UA78M10CKVURG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M10CKVURG3 TI-UA78M10CKVURG3 Datasheet
418Kb / 18P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M10CKVURG3 TI1-UA78M10CKVURG3 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M10CKVURG3 TI1-UA78M10CKVURG3 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
More results

Similar Description - UA78M10CKVURG3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com