Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWG6SP-CADB-2K6L-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWG6SP-CADB-2K6L-1
Description  Advanced Power TOPLED Enhanced optical Power LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWG6SP-CADB-2K6L-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWG6SP-CADB-2K6L-1 Datasheet HTML 4Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 5Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 6Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 7Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 8Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 9Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 10Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 11Page - OSRAM GmbH LWG6SP-CADB-2K6L-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LW G6SP
2007-08-10
8
Durchlassstrom
2) Seite 17
Forward Current
2) page 17
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift
2) page 17
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 17
Relative Luminous Flux
2) 7) page 17
Ι
VV
(140 mA) = f (IF); TA = 25 °C
OHL02767
3
F
V
2
10
10
3
5
5
mA
3.4
3.8
4.2
4.6
5
I
10
1
F
V
-0.025
0
IF
OHL02770
mA
100
200
300
400
500
Cx
Cy
-0.020
-0.015
-0.010
-0.005
0
0.015
0.005
Cx, Cy
OHL02768
0
10
10
1
5
I
F
10
-1
I
(140 mA)
I
V
V
10
10
5
3
10
mA
12


Similar Part No. - LWG6SP-CADB-2K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
More results

Similar Description - LWG6SP-CADB-2K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBG6SP OSRAM-LBG6SP Datasheet
253Kb / 17P
   Advanced Power TOPLED Enhanced optical Power LED
LCWG6SP OSRAM-LCWG6SP Datasheet
261Kb / 18P
   Advanced Power TOPLED Enhanced optical Power LED
LSE67B OSRAM-LSE67B Datasheet
175Kb / 14P
   Power TOPLED Enhanced optical Power LED (HOP2000)
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
   Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
   Advanced Power TOPLED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com