Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPLE20N81G2 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLE20N81G2
Description  Actively Cooled Diode Laser Bar, 1200 W cw at 808 nm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLE20N81G2 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLE20N81G2 Datasheet HTML 1Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 2Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 3Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 4Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 5Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 6Page - OSRAM GmbH SPLE20N81G2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPL E20N81G2
2007-07-18
5
Optische Kennwerte (cw, 25°C Kühlwassertemperatur)
Optical Characteristics (cw, 25°C coolant temperature)
Optical power P
opt and voltage V vs. current I
Wallplug efficiency
η
con vs. current I
Optical Spectrum @ 1200 W
0A
V
OHW03981
I
W
0
V
Popt
0
20
40
60
80
100
opt
P
V
10
500
20
1000
30
40
2000
I
OHW03982
0
con
η
0A
%
20
40
60
80.
100
10
20
30
40
50
60
70
780
0
nm
%
OHW03959
Irel
λ
790
800
810
830
20
40
60
80
100
120


Similar Part No. - SPLE20N81G2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLE01N81G2 OSRAM-SPLE01N81G2 Datasheet
221Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 808 nm
SPLE01N94G2 OSRAM-SPLE01N94G2 Datasheet
222Kb / 7P
   Aktiv gekuhlter Diodenlaser-Barren, 60 W cw bei 940nm
SPLE01N98G2 OSRAM-SPLE01N98G2 Datasheet
221Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 975 nm
SPLE01Y81G2 OSRAM-SPLE01Y81G2 Datasheet
221Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 808 nm
SPLE03N81G2 OSRAM-SPLE03N81G2 Datasheet
231Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 180 W cw bei 808 nm
More results

Similar Description - SPLE20N81G2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLE10N81G2 OSRAM-SPLE10N81G2 Datasheet
229Kb / 7P
   Actively Cooled Diode Laser Bar, 600 W cw at 808 nm
SPLE10N94G2 OSRAM-SPLE10N94G2 Datasheet
229Kb / 7P
   Actively Cooled Diode Laser Bar, 600 W cw at 940 nm
SPLMY81S9 OSRAM-SPLMY81S9 Datasheet
205Kb / 7P
   Passively Cooled Diode Laser Bar, 140 W cw at 808 nm
SPLMY81G2 OSRAM-SPLMY81G2 Datasheet
206Kb / 7P
   Passively Cooled Diode Laser Bar, 45 W cw at 808 nm
SPLMN81G2 OSRAM-SPLMN81G2 Datasheet
205Kb / 7P
   Passively Cooled Diode Laser Bar, 50 W cw at 808 nm
SPLMN98X2 OSRAM-SPLMN98X2 Datasheet
205Kb / 7P
   Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
SPLMY81X2 OSRAM-SPLMY81X2 Datasheet
205Kb / 7P
   Passively Cooled Diode Laser Bar, 35 W cw at 808 nm
SPLMN81X2 OSRAM-SPLMN81X2 Datasheet
205Kb / 7P
   Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
SPLMN81S9 OSRAM-SPLMN81S9 Datasheet
206Kb / 7P
   Passively Cooled Diode Laser Bar, 150 W qcw at 808 nm
SPLMN91G2 OSRAM-SPLMN91G2 Datasheet
205Kb / 7P
   Passively Cooled Diode Laser Bar, 50 W cw at 915 nm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com