Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J0024D21BNL Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # J0024D21BNL
Description  10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0024D21BNL Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  J0024D21BNL Datasheet HTML 1Page - Pulse A Technitrol Company J0024D21BNL Datasheet HTML 2Page - Pulse A Technitrol Company J0024D21BNL Datasheet HTML 3Page - Pulse A Technitrol Company J0024D21BNL Datasheet HTML 4Page - Pulse A Technitrol Company J0024D21BNL Datasheet HTML 5Page - Pulse A Technitrol Company J0024D21BNL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PULSEJACKTM
1x1 Tab-DOWN RJ45
www.pulseeng.com
9
10
12
11
LED = “B & E” Specification
(LEDs without internal resistors)
Right LED
Left LED
9
10
12
11
LED = “M” Specification
(LEDs without internal resistors)
Left LED
Right LED
9
10
12
11
LED = “F” Specification
(LEDs with internal resistors)
Right LED
Left LED
9
10
12
11
LED = “G” Specification
(Bi-color LED option with internal resistors)
Left LED
Right LED
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* Using an internal resistor within the LED increases the voltage rating of the
diode from 2.5 V to 5.0 V (assumes bias current = 20 mA).
J0 Series Electrical Schematics (continued)
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
TD+ 1
CT 3
TD- 2
RD+ 7
CT 6
RD- 8
4
5
1CT : 2.5
TRANSMIT
1CT : 1
RECEIVE
0.001mF
CHS GROUND
NOTE: Connect CHS GND to PCB ground.
75
75
75
75
J0073
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
TD+ 8
CT 6
TD- 7
RD+ 2
CT 3
RD- 1
4
5
1CT :1
TRANSMIT
1CT :1
RECEIVE
0.001mF
C1
CHS GROUND
NOTE: Connect CHS GND to PCB ground.
75
75
75
75
J0035
LED Configuration
www.pulseeng.com
J403.D (5/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 85538070
FAX: 86 769 85538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210


Similar Part No. - J0024D21BNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J0024D21BNL PULSE-J0024D21BNL Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
More results

Similar Description - J0024D21BNL

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
HFJ11-2450HRL HALO-HFJ11-2450HRL Datasheet
478Kb / 3P
   1x1 Tab-Down 10/100BASE-TX RJ45
logo
Bothhand USA, LP.
LU1S041F-43-LF BOTHHAND-LU1S041F-43-LF Datasheet
188Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041-43-LF BOTHHAND-LU1T041-43-LF Datasheet
188Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516-43-LF BOTHHAND-LU1T516-43-LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1S522-XX BOTHHAND-LU1S522-XX Datasheet
270Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041C-XX BOTHHAND-LU1T041C-XX Datasheet
262Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041X-34LF BOTHHAND-LU1T041X-34LF Datasheet
105Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516E1-43 BOTHHAND-LU1T516E1-43 Datasheet
109Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1S516E1-43 BOTHHAND-LU1S516E1-43 Datasheet
108Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041F-43LF BOTHHAND-LU1T041F-43LF Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com