Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT138 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCT138
Description  3 TO 8 LINE DECODER INVERTING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT138 Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCT138 Datasheet HTML 1Page - STMicroelectronics 74VHCT138 Datasheet HTML 2Page - STMicroelectronics 74VHCT138 Datasheet HTML 3Page - STMicroelectronics 74VHCT138 Datasheet HTML 4Page - STMicroelectronics 74VHCT138 Datasheet HTML 5Page - STMicroelectronics 74VHCT138 Datasheet HTML 6Page - STMicroelectronics 74VHCT138 Datasheet HTML 7Page - STMicroelectronics 74VHCT138 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
49
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time A, B, C to Y
5.0
(*)
15
7.6
10.4
1.0
12.0
ns
5.0
(*)
50
8.1
11.4
1.0
13.0
tPLH
tPHL
Propagation Delay
Time G1 to Y
5.0
(*)
15
6.6
9.1
1.0
10.5
ns
5.0
(*)
50
7.1
10.1
1.0
11.5
tPLH
tPHL
Propagation Delay
Time G2A, G2B to Y
5.0
(*)
15
7.0
9.6
1.0
11.0
ns
5.0
(*)
50
7.5
10.6
1.0
12.0
(*) Voltage range is 5V
± 0.5V
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50
Ω)
74VHCT138A
4/8


Similar Part No. - 74VHCT138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT138A FAIRCHILD-74VHCT138A Datasheet
69Kb / 6P
   3-to-8 Decoder/Demultiplexer
74VHCT138A FAIRCHILD-74VHCT138A Datasheet
354Kb / 9P
   3-to-8 Decoder/Demultiplexer
logo
STMicroelectronics
74VHCT138A STMICROELECTRONICS-74VHCT138A Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
logo
ON Semiconductor
74VHCT138A ONSEMI-74VHCT138A Datasheet
352Kb / 11P
   3-to-8 Decoder/Demultiplexer
May 2007 Rev. 1.2
logo
Toshiba Semiconductor
74VHCT138AFT TOSHIBA-74VHCT138AFT Datasheet
186Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results

Similar Description - 74VHCT138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
M54HC138 STMICROELECTRONICS-M54HC138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com