Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9801B503DL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9801B503DL
Description  Regulated Voltage Step-Up Charge Pump ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801B503DL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9801B503DL Datasheet HTML 2Page - Torex Semiconductor XC9801B503DL Datasheet HTML 3Page - Torex Semiconductor XC9801B503DL Datasheet HTML 4Page - Torex Semiconductor XC9801B503DL Datasheet HTML 5Page - Torex Semiconductor XC9801B503DL Datasheet HTML 6Page - Torex Semiconductor XC9801B503DL Datasheet HTML 7Page - Torex Semiconductor XC9801B503DL Datasheet HTML 8Page - Torex Semiconductor XC9801B503DL Datasheet HTML 9Page - Torex Semiconductor XC9801B503DL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
XC9801/XC9802 Series
TYPICAL APPLICATION CIRCUITS
External Components:
CIN=1μF (Ceramic Capacitor: TAIYO YUDEN)
C1=0.47μF (Ceramic Capacitor: TAIYO YUDEN)
C2=4.7μF (Ceramic Capacitor: TAIYO YUDEN)
Note: The XC9801 series are step-up charge pump voltage doublers which provide regulated output voltage.
The application circuit of the doubler output (②) halts the regulated output function and operates as a normal voltage
doubler.
The output voltage is stable when connected as in (①) above, except when VIN < (VOUT / 2) and VIN ≧ VOUT.
Regulation Output
Doubler Output


Similar Part No. - XC9801B503DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801B503KR TOREX-XC9801B503KR Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
More results

Similar Description - XC9801B503DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801_2 Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Renesas Technology Corp
VPA1000 RENESAS-VPA1000 Datasheet
638Kb / 13P
   Low Voltage 0.5x Regulated Step Down Charge Pump
January 21, 2010
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com