Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39V080AQ Datasheet(PDF) 11 Page - Winbond

Part # W39V080AQ
Description  1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080AQ Datasheet(HTML) 11 Page - Winbond

Back Button W39V080AQ Datasheet HTML 7Page - Winbond W39V080AQ Datasheet HTML 8Page - Winbond W39V080AQ Datasheet HTML 9Page - Winbond W39V080AQ Datasheet HTML 10Page - Winbond W39V080AQ Datasheet HTML 11Page - Winbond W39V080AQ Datasheet HTML 12Page - Winbond W39V080AQ Datasheet HTML 13Page - Winbond W39V080AQ Datasheet HTML 14Page - Winbond W39V080AQ Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
W39V080A
Publication Release Date: Dec. 28, 2005
- 11 -
Revision A4
8.
TABLE OF COMMAND DEFINITION
COMMAND
NO. OF
1
ST CYCLE
2
ND CYCLE
3
RD CYCLE
4
TH CYCLE
5
TH CYCLE
6
TH CYCLE
DESCRIPTION
Cycles (1) Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Read
1
AIN
DOUT
Sector Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
SA
(5)
30
Byte Program
4
5555 AA
2AAA 55
5555 A0
AIN
DIN
Product ID Entry
3
5555 AA
2AAA 55
5555 90
Product ID Exit
(4)
3
5555 AA
2AAA 55
5555 F0
Product ID Exit
(4)
1
XXXX F0
Notes:
1. The cycle means the write command cycle not the LPC clock cycle.
2. The Column Address / Row Address are mapped to the Low / High order Internal Address. i.e. Column Address
A[10:0] are mapped to the internal A[10:0], Row Address A[7:0] are mapped to the internal A[19:11]
3. Address Format: A14
−A0 (Hex); Data Format: DQ7-DQ0 (Hex)
4. Either one of the two Product ID Exit commands can be used.
5. SA: Sector Address
SA = FXXXXh for Unique Sector15 (Boot Sector)
SA = 7XXXXh for Unique Sector7
SA = EXXXXh for Unique Sector14
SA = 6XXXXh for Unique Sector6
SA = DXXXXh for Unique Sector13
SA = 5XXXXh for Unique Sector5
SA = CXXXXh for Unique Sector12
SA = 4XXXXh for Unique Sector4
SA = BXXXXh for Unique Sector11
SA = 3XXXXh for Unique Sector3
SA = AXXXXh for Unique Sector10
SA = 2XXXXh for Unique Sector2
SA = 9XXXXh for Unique Sector9
SA = 1XXXXh for Unique Sector1
SA = 8XXXXh for Unique Sector8
SA = 0XXXXh for Unique Sector0


Similar Part No. - W39V080AQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FAP WINBOND-W39V080FAP Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FAPZ WINBOND-W39V080FAPZ Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FAQ WINBOND-W39V080FAQ Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FAQZ WINBOND-W39V080FAQZ Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results

Similar Description - W39V080AQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040C WINBOND-W39V040C Datasheet
352Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
249Kb / 27P
   8M (1M 횞 8) Flash Memory
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
   8M (1M 횞 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com