Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9504B095CAL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9504B095CAL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B095CAL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9504B095CAL Datasheet HTML 1Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 2Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 3Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 4Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 5Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 6Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 7Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 8Page - Torex Semiconductor XC9504B095CAL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2/53
XC9504 Series
PIN NUMBER PIN NAME
FUNCTION
1
EXT 1
Channel 1: External Transistor Drive Pin
<Connected to N-ch Power MOSFET Gate>
2
VDD
Supply Voltage
3
FB1
Channel 1: Output Voltage Monitor Feedback Pin <Threshold value: 0.9V.
Output voltage
can be set freely by connecting split resistor between VOUT1 and GND.>
4
PWM1
Channel 1: PWM/PFM Switching Pin <Control Output 1. PMW control when connected
to VDD, PWM/PFM auto switching when connected to GND.>
5
EN1
Channel 1: Enable Pin <Connected to GND when Output 1 is in stand-by mode.
Connected to VDD when Output 1 is active.
EXT1 is low when in stand-by mode.>
6
EN2
Channel 2: Enable Pin <Connected to GND when Output 2 is in stand-by mode.
Connected to VDD when Output 2 is active.
EXT1 is high when in stand-by mode.>
7
PWM2
Channel 2: PWM/PFM Switching Pin <Control Output 2
.PMW control when connected
to VDD, PWM/PFM auto switching when connected to GND.>
8
FB2
Channel 2: Output Voltage Monitor Feedback Pin <Threshold value: 0.9V.
Output voltage
can be set freely by connecting split resistor between VOUT2 and GND.>
9
GND
Ground
10
EXT2/
Channel 2: External Transistor Drive Pin <Connected to P-ch Power MOSFET Gate>
■PIN CONFIGURATION
■PIN ASSIGNMENT
13mm
USP-10
(BOTTOM VIEW)
■PRODUCT CLASSIFICATION
●Ordering Information
XC9504
①②③④⑤⑥
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Type of DC/DC Controller
B
: Standard type (10 pin)
② ③
Output Voltage
09
: FB products
②=0, ③=9 fixed
2
: 180kHz
3
: 300kHz (custom)
Oscillation Frequency
5
: 500kHz (custom)
A
: MSOP-10
Packages
D
: USP-10
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed


Similar Part No. - XC9504B095CAL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504B095CAL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com