Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9504B095DDR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9504B095DDR
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B095DDR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9504B095DDR Datasheet HTML 6Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 7Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 8Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 9Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 10Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 11Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 12Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 13Page - Torex Semiconductor XC9504B095DDR Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10/53
XC9504 Series
Conditions: Light load (when coil current is discontinuous.)
Channel One: Step-Up DC/DC Converter Controller ICs
Channel Two: Inverter DC/DC Converter
* MOSFET
* MOSFET
Tr.1:
XP151A12A2
(N-ch Power MOSFET, TOREX)
Tr.2:
XP151A12C0
(P-ch Power MOSFET, TOREX)
Note: VGS break down voltage of the XP151A12A2
is 12V so please be careful with the power supply
voltage.
Note: VGS break down voltage of the XP151A12C0 is
12V so please be careful with the power supply
voltage.
SD1:
MA2Q737
(Schottky diode, MATSUSHITA)
SD2:
MA2Q737
(Schottky diode, MATSUSHITA)
L1:
15
μH
(D412F, TOKO, FOSC=300kHz)
L2:
22
μH
(D412F, TOKO, FOSC=300kHz)
22
μH
(D412F, TOKO, FOSC=180kHz)
44
μH
(D412F, TOKO, FOSC=180kHz)
Please set so that the coil current is discontinuous.
Please set so that the coil current is discontinuous.
CL1:
25V, 4.7
μF
(Ceramic)
CL2:
10V, 4.7
μF
(Ceramic)
* NPN Tr.
* PNP Tr.
Tr.1:
2SD1628
(SANYO)
Tr.2:
2SA1213
(TOSHIBA)
RB1:
500
Ω
Adjust in accordance with load &
Tr.’s hFE.
RB2:
500
Ω
Adjust in accordance with load &
Tr.’s hFE.
RB1<(VIN - 0.7) x (hFE/IC - REXTBH)
RB2<(VIN - 0.7) x (hFE/IC - REXTBL)
CB1:
2200pF
(Ceramic)
CB2:
2200pF
(Ceramic)
CB1< (2
π x RB1 x FOSC x 0.7)
CB2< (2
π x RB2 x FOSC x 0.7)
Conditions: Light load (when coil current is discontinuous.)
Channel One: Step-Up DC/DC Converter Controller ICs
Channel Two: Inverter DC/DC Converter
* MOSFET
* MOSFET
Tr.1:
XP151A12A2
(N-ch Power MOSFET, TOREX)
Tr.2:
XP151A12C0
(P-ch Power MOSFET, TOREX)
Note: VGS break down voltage of the XP151A12A2
is 12V so please be careful with the power supply
voltage.
Note: VGS break down voltage of the XP151A12C0 is
12V so please be careful with the power supply
voltage.
SD1:
MA2Q737
(Schottky diode, MATSUSHITA)
SD2:
MA2Q737
(Schottky diode, MATSUSHITA)
CRS02,
CMS02
(Schottky diode, TOSHIBA)
L1:
15
μH
(CDRH5D28, SUMIDA,
FOSC=300kHz)
L2:
15
μH
(CDRH5D28, SUMIDA,
FOSC=300kHz)
22
μH
(CDRH5D28, SUMIDA,
FOSC=180kHz)
22
μH
(CDRH5D28, SUMIDA,
FOSC=180kHz)
CL1:
16V, 4.7
μF
(Tantalum)
CL2:
16V, 4.7
μF
(Tantalum)
Increase capacity according to the equation below
when the step-up voltage ratio is large and output
current is high.
Increase capacity according to the equation below
when the step-up voltage ratio is large and output
current is high.
CL=(CL standard value) x (IOUT1 (mA) / 300mA x
VOUT1 / VIN
CL=(CL standard value) x (IOUT2 (mA) / 300mA x
VOUT2 / VIN
* NPN Tr.
* PNP Tr.
Tr.1:
2SD1628
(SANYO)
Tr.2:
2SA1213
(TOSHIBA)
RB1:
500
Ω
Adjust in accordance with load &
Tr.’s hFE.
RB2:
500
Ω
Adjust in accordance with load &
Tr.’s hFE.
RB1<(VIN - 0.7) x (hFE/IC - REXTBH)
RB2<(VIN - 0.7) x (hFE/IC - REXTBL)
CB1:
CB1< (2
π x RB1 x FOSC x 0.7)
CB2:
2200pF
(Ceramic)
CB2< (2
π x RB2 x FOSC x 0.7)
■NOTES ON USE
●External Components


Similar Part No. - XC9504B095DDR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504B095DDR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com