Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL780-12CKC Datasheet(PDF) 6 Page - Texas Instruments

Part # TL780-12CKC
Description  POSITIVE-VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780-12CKC Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL780-12CKC Datasheet HTML 2Page - Texas Instruments TL780-12CKC Datasheet HTML 3Page - Texas Instruments TL780-12CKC Datasheet HTML 4Page - Texas Instruments TL780-12CKC Datasheet HTML 5Page - Texas Instruments TL780-12CKC Datasheet HTML 6Page - Texas Instruments TL780-12CKC Datasheet HTML 7Page - Texas Instruments TL780-12CKC Datasheet HTML 8Page - Texas Instruments TL780-12CKC Datasheet HTML 9Page - Texas Instruments TL780-12CKC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
V
O
GND
V
I
+
COMMON
INPUT
OUTPUT
TL780-xx
I
L
I
O
OUTPUT
R1
0.33 F
µ
C1
INPUT
TL780-xx
V (Reg)
O
I = (V /R1) + I Bias Current
O
O
O
Operation With a Load Common to a Voltage of Opposite Polarity
V
I
Equivalent
or
1N4001
–V
O
V
O
TL780-xx
Reverse-Bias Protection
V
O
V
I
TL780-xx
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055M – APRIL 1981 – REVISED OCTOBER 2006
Figure 2. Positive Regulator in Negative Configuration (VI Must Float)
Figure 3. Current Regulator
In many cases, a regulator powers a load that is not connected to ground, but instead, is connected to a voltage
source of opposite polarity (e.g., operational amplifiers, level-shifting circuits, etc.). In these cases, a clamp diode
should be connected to the regulator output as shown in Figure 4. This protects the regulator from output
polarity reversals during startup and short-circuit operation.
Figure 4. Output Polarity-Reversal-Protection Circuit
Occasionally, the input voltage to the regulator can collapse faster than the output voltage. This, for example,
could occur when the input supply is crowbarred during an output overvoltage condition. If the output voltage is
greater than approximately 7 V, the emitter-base junction of the series pass element (internal or external) could
break down and be damaged. To prevent this, a diode shunt can be employed, as shown in Figure 5.
Figure 5. Reverse-Bias-Protection Circuit
6
Submit Documentation Feedback


Similar Part No. - TL780-12CKC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL780-12CKC TI-TL780-12CKC Datasheet
134Kb / 8P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
TL780-12CKC TI-TL780-12CKC Datasheet
571Kb / 14P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
TL780-12CKCE3 TI-TL780-12CKCE3 Datasheet
571Kb / 14P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - TL780-12CKC

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com