Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9509F033AR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9509F033AR
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509F033AR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9509F033AR Datasheet HTML 7Page - Torex Semiconductor XC9509F033AR Datasheet HTML 8Page - Torex Semiconductor XC9509F033AR Datasheet HTML 9Page - Torex Semiconductor XC9509F033AR Datasheet HTML 10Page - Torex Semiconductor XC9509F033AR Datasheet HTML 11Page - Torex Semiconductor XC9509F033AR Datasheet HTML 12Page - Torex Semiconductor XC9509F033AR Datasheet HTML 13Page - Torex Semiconductor XC9509F033AR Datasheet HTML 14Page - Torex Semiconductor XC9509F033AR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11/41
XC9509
Series
Voltage Detector
The detector block of the XC9509 series detects output voltage from the VDOUT pin while sensing either VDD, DCOUT, or
VROUT internally.
(N-channel Open Drain Type)
<CE Pin Function>
The operation of the XC9509 series' DC/DC converter block and voltage regulator block will enter into the shut down
mode when a low level signal is input to the CE pin. During the shut down mode, the current consumption occurs only
in the detector and is 3.0μA (TYP.), with a state of high impedance at the Lx pin and the DCOUT pin. The IC starts its
operation by inputting a high level signal to the CE pin. The input to the CE pin is a CMOS input and the sink current is
0μA (TYP.).
<MODE Pin Function>
The operation of the XC9509A to C series' voltage detector block will enter into stand-by mode when a high level signal is
input to the MODE pin. When a low level signal is input, the voltage regulator block will enter into stand-by mode.
However, if the IC enters into stand-by mode via the CE pin, the voltage regulator block also shuts down. Likewise, if
the XC9509D to F series enters into stand-by mode via the CE pin, the DC/DC converter block can also shut down.
With the XC9509H to L series control can be PWM control when the MODE pin is 'H' level and PWM/PFM automatic
switching control when the MODE pin is 'L' level.
Application Information
1. The XC9509 series is designed for use with a ceramic output capacitor. If, however, the potential difference
between dropout voltage or output current is too large, a ceramic capacitor may fail to absorb the resulting high
switching energy and oscillation could occur on the output. If the input-output potential difference is large, connect
an electrolytic capacitor in parallel to compensate for insufficient capacitance.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly
influenced by external component selection, such as the coil inductance, capacitance values, and board layout of
external components. Once the design has been completed, verification with actual components should be done.
3. When the difference between VIN and VOUT is large in PWM control, very narrow pulses will be outputted, and there
is the possibility that some cycles may be skipped completely.
4. When the difference between VIN and VOUT is small, and the load current is heavy, very wide pulses will be outputted
and there is the possibility that some cycles may be skipped completely: in this case, the Lx pin may not go low at all.
NOTES ON USE
DC/DC Waveform (3.3V, 1.2MHz)
<External Components>
L
:4.7μH(CDRH4D28C,SUMIDA)
CIN :4.7μF(ceramic)
CL
:10μF(ceramic)
<External Components>
L
:4.7μH(CDRH4D28C,SUMIDA)
CIN :4.7μF(ceramic)
CL
:10μF(ceramic)
OPERATIONAL EXPLANATION (Continued)
<External Components>
L
:4.7μH(CDRH4D28C,SUMIDA)
CIN :4.7μF(ceramic)
CL
:10μF(ceramic)


Similar Part No. - XC9509F033AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509F TOREX-XC9509F Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
More results

Similar Description - XC9509F033AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com