Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9508 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9508
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9508 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9508 Datasheet HTML 4Page - Torex Semiconductor XC9508 Datasheet HTML 5Page - Torex Semiconductor XC9508 Datasheet HTML 6Page - Torex Semiconductor XC9508 Datasheet HTML 7Page - Torex Semiconductor XC9508 Datasheet HTML 8Page - Torex Semiconductor XC9508 Datasheet HTML 9Page - Torex Semiconductor XC9508 Datasheet HTML 10Page - Torex Semiconductor XC9508 Datasheet HTML 11Page - Torex Semiconductor XC9508 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8/38
XC9508 Series
FOSC
L
1.2MHz
4.7μH
(CDRH4D28C, SUMIDA)
600KHz
10μH
(CDRH5D28, SUMIDA)
300kHz
22μH
(CDRH6D28, SUMIDA)
CIN
CL1
CL2 (*2)
VROUT≦2.0V
4.7μF (ceramic, TAIYO YUDEN)
Vdif>1.0V
1.0μF (ceramic, TAIYO YUDEN)
4.7μF
(ceramic, TAIYO YUDEN)
10μF
(ceramic, TAIYO YUDEN)
VROUT>2.0V
Vdif≦1.0V
4.7μF (ceramic, TAIYO YUDEN)
TYPICAL APPLICATION CIRCUIT
MSOP-10 (TOP VIEW)
*1 The DC/DC converter of the XC9508 series automatically switches between synchronous / non-synchronous. The Schottky diode is
not normally needed. However, in cases where high efficiency is required when using the DC/DC converter during in the light load
while in non-synchronous operation, please connect a Schottky diode externally.
*2 Please be noted that the recommend value above of the CL2 may be changed depending on the input voltage value and setting voltage
value.
OPERATIONAL EXPLANATION
The XC9508 series consists of a synchronous step-down DC/DC converter, a high speed LDO voltage regulator, and a
voltage detector. Since the LDO voltage regulator is stepped-down from the DC/DC's output, high efficiency and low noise
is possible even at lower output voltages.
DC/DC Converter
The series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase
compensation circuit, output voltage adjustment resistors, driver transistor, synchronous switch, current limiter circuit,
U.V.L.O. circuit and others. The series ICs compare, using the error amplifier, the voltage of the internal voltage
reference source with the feedback voltage from the VOUT pin through split resistors. Phase compensation is
performed on the resulting error amplifier output, to input a signal to the PWM comparator to determine the turn-on time
during PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error amplifier
with the ramp wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause the
Lx pin to output a switching duty cycle. This process is continuously performed to ensure stable output voltage. The
current feedback circuit monitors the P-channel MOS driver transistor current for each switching operation, and
modulates the error amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop
even when a low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally and can be selected from
300kHz, 600 kHz and 1.2 MHz. Clock pulses generated in this circuit are used to produce ramp waveforms needed
for PWM operation, and to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the
feedback voltage divided by the internal split resistors. When a voltage lower than the reference voltage is fed back,
the output voltage of the error amplifier increases. The gain and frequency characteristics of the error amplifier output
are fixed internally to deliver an optimized signal to the mixer.
SD *1: XB0ASB03A1BR (TOREX)


Similar Part No. - XC9508

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9508AXXXXX TOREX-XC9508AXXXXX Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9508CXXXXX TOREX-XC9508CXXXXX Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9508X15XXX TOREX-XC9508X15XXX Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9508XXX3XX TOREX-XC9508XXX3XX Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
More results

Similar Description - XC9508

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com