Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC4852DRE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HC4852DRE4
Description  DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4852DRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC4852DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 9Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 10Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 11Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 12Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 13Page - Texas Instruments SN74HC4852DRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SN74HC4852
DUAL 4TO1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS573 − MARCH 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 9. Propagation Delays, Channel Select to
Analog Out
50%
tPLH
tPHL
VCC
GND
CHANNEL
SELECT
ANALOG
OUT
50%
COMMON O/I
6
8
ON/OFF
OFF/ON
VCC
VCC
16
ANALOG I/O
TEST POINT
CHANNEL SELECT
CL†
† Includes all probe and jig capacitance
Figure 10. Propagation Delay, Channel Select to
Analog Out, Test Setup
Figure 11. Propagation Delays, Analog In
to Analog Out
50%
tPLH
tPHL
VCC
GND
ANALOG
IN
ANALOG
OUT
50%
COMMON O/I
6
8
ON
VCC
16
TEST POINT
CL†
† Includes all probe and jig capacitance
Figure 12. Propagation Delay, Analog In to Analog
Out, Test Setup
ANALOG
I/O


Similar Part No. - SN74HC4852DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852DRE4 TI-SN74HC4852DRE4 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

Similar Description - SN74HC4852DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
NXP Semiconductors
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com