Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV139ARGYRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV139ARGYRG4
Description  DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV139ARGYRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV139ARGYRG4 Datasheet HTML 1Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 2Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 3Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 4Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 5Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 6Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 7Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 8Page - Texas Instruments SN74LV139ARGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54LV139A, SN74LV139A
DUAL 2LINE TO 4LINE DECODERS/DEMULTIPLEXERS
SCLS396I − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 7.5 ns at 5 V
D Support Mixed-Mode Voltage Operation on
All Ports
D Designed Specifically for High-Speed
Memory Decoders and Data-Transmission
Systems
D Incorporate Two Enable Inputs to Simplify
Cascading and/or Data Reception
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2A
2B
NC
2Y0
2Y1
1B
1Y0
NC
1Y1
1Y2
SN54LV139A ...FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
1A
1B
1Y0
1Y1
1Y2
1Y3
GND
VCC
2G
2A
2B
2Y0
2Y1
2Y2
2Y3
SN54LV139A ...J OR W PACKAGE
SN74LV139A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
SN74LV139A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
2G
2A
2B
2Y0
2Y1
2Y2
1A
1B
1Y0
1Y1
1Y2
1Y3
description/ordering information
The ’LV139A devices are dual 2-line to 4-line decoders/demultiplexers designed for 2-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV139ARGYR
LV139A
SOIC − D
Tube of 40
SN74LV139AD
LV139A
SOIC − D
Reel of 2500
SN74LV139ADR
LV139A
SOP − NS
Reel of 2000
SN74LV139ANSR
74LV139A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV139ADBR
LV139A
−40 C to 85 C
Tube of 90
SN74LV139APW
TSSOP − PW
Reel of 2000
SN74LV139APWR
LV139A
TSSOP − PW
Reel of 250
SN74LV139APWT
LV139A
TVSOP − DGV
Reel of 2000
SN74LV139ADGVR
LV139A
CDIP − J
Tube of 25
SNJ54LV139AJ
SNJ54LV139AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV139AW
SNJ54LV139AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV139AFK
SNJ54LV139AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LV139ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV139ARGYRG4 TI-SN74LV139ARGYRG4 Datasheet
710Kb / 21P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV139ARGYRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54155 TI1-SN54155_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LS139A TI1-SN54LS139A_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com