Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC4852DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HC4852DG4
Description  DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4852DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC4852DG4 Datasheet HTML 2Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 3Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 4Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 5Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 6Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 7Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 8Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 9Page - Texas Instruments SN74HC4852DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN74HC4852
DUAL 4TO1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS573 − MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 4.5 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
6.3
8.6
11.6
4.6
12.5
4.5
13.5
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
9.3
11
14
6.5
15
5.6
17
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
8
9.9
40
5.3
45
4.4
50
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
28.5
41.4
80
28.2
90
28
100
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 6 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
5.5
8
10.2
4.1
11
3.6
12
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
7.4
9.5
12.6
4.7
14.5
3.8
16.5
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
6.8
8.4
39
4.8
40
3.8
40
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
14.4
38
78
13.5
80
13
80
ns
operating characteristics, TA = 25°C (see Figure 15)
PARAMETER
VCC
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
3.3 V
No load
48
pF
Cpd
Power dissipation capacitance
5 V
No load
60
pF


Similar Part No. - SN74HC4852DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852DG4 TI-SN74HC4852DG4 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

Similar Description - SN74HC4852DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
NXP Semiconductors
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com