Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT05AT Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT05AT
Description  HEX INVERTER (OPEN DRAIN)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT05AT Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT05AT Datasheet HTML 1Page - STMicroelectronics 74VHCT05AT Datasheet HTML 2Page - STMicroelectronics 74VHCT05AT Datasheet HTML 3Page - STMicroelectronics 74VHCT05AT Datasheet HTML 4Page - STMicroelectronics 74VHCT05AT Datasheet HTML 5Page - STMicroelectronics 74VHCT05AT Datasheet HTML 6Page - STMicroelectronics 74VHCT05AT Datasheet HTML 7Page - STMicroelectronics 74VHCT05AT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2001
s
HIGH SPEED: tPZ = 3.5 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH = 2V (MIN.), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 05
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHCT05A is an advanced high-speed
CMOS OPEN DRAIN HEX INVERTER fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V since all inputs are
equipped with TTL threshold.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHCT05A
HEX INVERTER (OPEN DRAIN)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74VHCT05AM
74VHCT05AMTR
TSSOP
74VHCT05ATTR
TSSOP
SOP


Similar Part No. - 74VHCT05AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT05ATTR STMICROELECTRONICS-74VHCT05ATTR Datasheet
215Kb / 11P
   HEX INVERTER (OPEN DRAIN)
More results

Similar Description - 74VHCT05AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
   HEX INVERTER OPEN DRAIN
June 1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
logo
ON Semiconductor
MM74HCT05 ONSEMI-MM74HCT05 Datasheet
334Kb / 9P
   Hex Inverter (Open Drain)
March 2008 Rev. 1.5.0
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
   Hex Inverter (open drain)
TC74VHC05F TOSHIBA-TC74VHC05F Datasheet
209Kb / 5P
   HEX INVERTER (OPEN DRAIN)
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05_04 Datasheet
224Kb / 11P
   HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05_05 Datasheet
84Kb / 7P
   Hex Inverter (Open Drain)
MM74HCT05 FAIRCHILD-MM74HCT05 Datasheet
80Kb / 6P
   Hex Inverter (Open Drain)
logo
STMicroelectronics
M74HC05 STMICROELECTRONICS-M74HC05 Datasheet
168Kb / 8P
   HEX INVERTER OPEN DRAIN
logo
Toshiba Semiconductor
TC74VHC05F TOSHIBA-TC74VHC05F_07 Datasheet
256Kb / 9P
   Hex Inverter (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com