Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWW5SN Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCWW5SN
Description  Platinum DRAGON짰 warm white with Chip Level Conversion (CLC)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SN Datasheet(HTML) 5 Page - OSRAM GmbH

  LCWW5SN Datasheet HTML 1Page - OSRAM GmbH LCWW5SN Datasheet HTML 2Page - OSRAM GmbH LCWW5SN Datasheet HTML 3Page - OSRAM GmbH LCWW5SN Datasheet HTML 4Page - OSRAM GmbH LCWW5SN Datasheet HTML 5Page - OSRAM GmbH LCWW5SN Datasheet HTML 6Page - OSRAM GmbH LCWW5SN Datasheet HTML 7Page - OSRAM GmbH LCWW5SN Datasheet HTML 8Page - OSRAM GmbH LCWW5SN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LCW W5SN
2007-08-16
5
Farbortgruppen
5) Seite 18
Chromaticity Coordinate Groups
5) page 18
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
H3
0.348
0.332
M5
0.414
0.402
0.360
0.341
0.429
0.409
0.364
0.358
0.436
0.426
0.350
0.348
0.421
0.420
H4
0.350
0.348
N3
0.413
0.372
0.364
0.358
0.425
0.378
0.367
0.376
0.434
0.396
0.352
0.365
0.421
0.390
H5
0.352
0.365
N4
0.421
0.390
0.367
0.376
0.434
0.396
0.371
0.392
0.443
0.414
0.354
0.381
0.429
0.409
J3
0.360
0.341
N5
0.429
0.409
0.373
0.350
0.443
0.414
0.378
0.368
0.451
0.430
0.364
0.358
0.436
0.426
OHA02934
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.24
480
460
470
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
K3
H4
3500 K
H3
4200 K
J3
L5
H5
L4
J5
J4
L3
K4
K5
N5
2700 K
Q3
P3
3000 K
M3
N3
N4
M4
M5
P4
R3
Q4 R4
P5
Q5
R5


Similar Part No. - LCWW5SN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SG OSRAM-LCWW5SG Datasheet
595Kb / 17P
   white SMD package, colored diffused silicone resin
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
LCWW5SM-JXKX-4U9X OSRAM-LCWW5SM-JXKX-4U9X Datasheet
800Kb / 26P
   Furniture Lighting
LCWW5SM-JXKX-4U9X OSRAM-LCWW5SM-JXKX-4U9X Datasheet
839Kb / 26P
   Furniture Lighting
LCWW5SM-JXKY-4O9Q OSRAM-LCWW5SM-JXKY-4O9Q Datasheet
800Kb / 26P
   Furniture Lighting
More results

Similar Description - LCWW5SN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWW5SN OSRAM-LWW5SN Datasheet
593Kb / 18P
   Platinum DRAGON짰 white with Chip Level Conversion (CLC)
LB-W5AM OSRAM-LB-W5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LT-W5AM OSRAM-LT-W5AM Datasheet
1Mb / 23P
   white SMT package with clear silicone lens, chip level conversion
LH-W5AM OSRAM-LH-W5AM Datasheet
317Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LWW5AM OSRAM-LWW5AM Datasheet
1Mb / 23P
   white SMT package with clear silicone lens, chip level conversion
LBW5AM OSRAM-LBW5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LUWW5AM OSRAM-LUWW5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LUW-W5AM OSRAM-LUW-W5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LDW5SN OSRAM-LDW5SN Datasheet
673Kb / 20P
   Platinum DRAGON짰 Lead (Pb) Free Product - RoHS Compliant
LCWW51M OSRAM-LCWW51M Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with optic, chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com