Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWW5SN Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWW5SN
Description  Platinum DRAGON짰 white with Chip Level Conversion (CLC)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWW5SN Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWW5SN Datasheet HTML 4Page - OSRAM GmbH LWW5SN Datasheet HTML 5Page - OSRAM GmbH LWW5SN Datasheet HTML 6Page - OSRAM GmbH LWW5SN Datasheet HTML 7Page - OSRAM GmbH LWW5SN Datasheet HTML 8Page - OSRAM GmbH LWW5SN Datasheet HTML 9Page - OSRAM GmbH LWW5SN Datasheet HTML 10Page - OSRAM GmbH LWW5SN Datasheet HTML 11Page - OSRAM GmbH LWW5SN Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LW W5SN
2007-08-16
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2) page 15
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 18
Relative Luminous Flux
2) 7) page 18
Φ
VV
(700 mA) = f (IF); TA = 25 °C
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2) page 15
x, y = f (T
j); IF = 700 mA
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
-0.02
0
IF
OHL02806
mA
Cx,
Δ
Cy
Δ
-0.01
0
0.01
0.02
0.03
0.05
200
400
600
800
1200
Cx
Cy
V (700 mA)
V
I
F
10
1
10
2
10
3
mA
5
5
OHL02688
Φ
Φ
0
10
-1
10
2
-0.012
-60
OHL02809
˚C
-40 -20
0
20 40 60
100
j
T
-0.010
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.010
Cx,
Δ
Cy
Δ


Similar Part No. - LWW5SN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWW5SG OSRAM-LWW5SG Datasheet
306Kb / 17P
   white SMD package, colored diffused silicone resin
logo
List of Unclassifed Man...
LWW5SG-GYHY-5K8L ETC1-LWW5SG-GYHY-5K8L Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWW5SM-KXLX-JKQL-24E4 OSRAM-LWW5SM-KXLX-JKQL-24E4 Datasheet
702Kb / 23P
   white SMD package
More results

Similar Description - LWW5SN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SN OSRAM-LCWW5SN Datasheet
710Kb / 19P
   Platinum DRAGON짰 warm white with Chip Level Conversion (CLC)
LB-W5AM OSRAM-LB-W5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LT-W5AM OSRAM-LT-W5AM Datasheet
1Mb / 23P
   white SMT package with clear silicone lens, chip level conversion
LH-W5AM OSRAM-LH-W5AM Datasheet
317Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LWW5AM OSRAM-LWW5AM Datasheet
1Mb / 23P
   white SMT package with clear silicone lens, chip level conversion
LBW5AM OSRAM-LBW5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LUWW5AM OSRAM-LUWW5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LUW-W5AM OSRAM-LUW-W5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LDW5SN OSRAM-LDW5SN Datasheet
673Kb / 20P
   Platinum DRAGON짰 Lead (Pb) Free Product - RoHS Compliant
LCWW51M OSRAM-LCWW51M Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with optic, chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com