Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9220D09AML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9220D09AML
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220D09AML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9220D09AML Datasheet HTML 4Page - Torex Semiconductor XC9220D09AML Datasheet HTML 5Page - Torex Semiconductor XC9220D09AML Datasheet HTML 6Page - Torex Semiconductor XC9220D09AML Datasheet HTML 7Page - Torex Semiconductor XC9220D09AML Datasheet HTML 8Page - Torex Semiconductor XC9220D09AML Datasheet HTML 9Page - Torex Semiconductor XC9220D09AML Datasheet HTML 10Page - Torex Semiconductor XC9220D09AML Datasheet HTML 11Page - Torex Semiconductor XC9220D09AML Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/22
XC9220/XC9221 Series
2. Short-Circuit Protection Circuit (Latching Type)
When the FB pin is shorted to the Ground or the output voltage drops rapidly because of over load state etc., the P-ch
driver transistor is kept OFF as in the case with the integral protection circuit. (The protection circuit operates when
the FB voltage becomes 0.7V or lower.) For releasing the latching state, the circuit is needed to restart via the VIN
and the CE pin.
Short-circuit protection circuit
FBVoltage
0.9V
0.7V
VREF
0.9V
Soft-start time :Tss x 90%
* Protection circuit does not operate.
Less than 100usec = Not latching
Latch
100 usec
* About 100 to 200usec delay time is set
to avoid latching w hen instantaneous
transient response drop
<Protection Circuits>
1. Integral Protection Circuit (Latch Type)
In the circuit of the XC9220/XC9221 A and B series, the more load current becomes larger, the duty of the EXT/ pin
gradually expands, and the duty reaches maximum (EXT/L). When the MAXDUTY state continues a certain amount
of time (TPRO), the EXT/ pin holds high level (latching) and keeps the P-ch output driver transistor in OFF state. For
resuming the operation from the latching state, please turn off the IC via the CE pin or apply the input voltage again
(operates U.V.L.O. function and release). The latching state does not mean a complete shutdown, but a state in
which pulse output is suspended; therefore, the internal circuitry remains in operation.
However, the integral protection circuit uses the MAXDUTY as a trigger for its operation, it suspends the pulse output
no matter what dropout voltage decreases.
For the specification including small dropout voltage, the
XC9220/XC9221 C or D series, which do not have the integral protection function, are recommended.
Integral protection circuit
Ton < Tpro
Ton > Tpro
EXT/ Waveform
Latch
Protection circuit operates and
EXT/ Output shut dow n
Ton : ON Time ( EXT/ : L)
Tpro : Integral Protection Circuit
Delay Time (Internally set)
■OPERATIONAL EXPLANATION (Continued)


Similar Part No. - XC9220D09AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9220D09AML

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com