Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223D82AL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9223D82AL
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223D82AL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9223D82AL Datasheet HTML 4Page - Torex Semiconductor XC9223D82AL Datasheet HTML 5Page - Torex Semiconductor XC9223D82AL Datasheet HTML 6Page - Torex Semiconductor XC9223D82AL Datasheet HTML 7Page - Torex Semiconductor XC9223D82AL Datasheet HTML 8Page - Torex Semiconductor XC9223D82AL Datasheet HTML 9Page - Torex Semiconductor XC9223D82AL Datasheet HTML 10Page - Torex Semiconductor XC9223D82AL Datasheet HTML 11Page - Torex Semiconductor XC9223D82AL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/25
XC9223/XC9224 Series
(*1) A capacitor of 2200pF0.1μF is recommended to place at the C
DD between the AGND pin and the VIN pin.
Please refer to the page showing INSTRUCTION ON PATTERN LAYOUT for more detail.
VOUT (V)
RFB1 (k
Ω)
RFB2 (k
Ω)
CFB (pF)
VOUT (V)
RFB1 (k
Ω)
RFB2 (k
Ω)
CFB (pF)
1.0
75
300
110
2.5
510
240
15
1.2
150
300
51
3.0
330
120
24
1.5
130
150
62
3.3
470
150
18
1.8
300
240
27
5.0
430
82
18
■TYPICAL APPLICATION CIRCUIT
<Output Voltage Setting>
Output voltage can be set by adding external split resistors.
Output voltage is determined by the following equation,
based on the values of RFB1 and RFB2.
The sum of RFB1 and RFB2 should normally be 1M
Ω or less.
VOUT = 0.8 x (RFB1 + RFB2) / RFB2
The value of CFB, speed-up capacitor for phase compensation, should be fzfb = 1 / (2 x
π x CFB1 x RFB1) which is equal to
20kHz.
Adjustments are required from 1kHz to 50kHz depending on the application, value of inductance (L), and value of
load capacity (CL).
[Example of calculation]
When RFB1=470k
Ω, RFB2=150kΩ,
VOUT1 = 0.8 x (470k + 150k) / 150k =3.3V
[Typical example]
[External components]
1MHz:
L: 4.7
μH (CDRH4D28C, SUMIDA)
CL: 10
μF (ceramic)
CIN: 10
μF (ceramic)
2MHz:
L: 2.2
μH (CDRH4D28, SUMIDA)
2.2
μH (VLCF4020T-2R2N1R7, TDK)
CL: 10
μF (ceramic)
CIN: 10
μF (ceramic)
* As for CIN and CL, use output capacitors of 10
μF or more. (Ceramic capacitor compatible)
* High ESR (Equivalent Series Resistance) that comes by using a tantalum or an electrolytic capacitor causes high ripple voltage.
Furthermore, it can cause an unstable operation.
Use the IC after you fully confirm with an actual device.
* When fzfb = 20kHz


Similar Part No. - XC9223D82AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AL TOREX-XC9223B081AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AR TOREX-XC9223B081AR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DL TOREX-XC9223B081DL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DR TOREX-XC9223B081DR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223D82AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com