Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223D01AL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9223D01AL
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223D01AL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9223D01AL Datasheet HTML 5Page - Torex Semiconductor XC9223D01AL Datasheet HTML 6Page - Torex Semiconductor XC9223D01AL Datasheet HTML 7Page - Torex Semiconductor XC9223D01AL Datasheet HTML 8Page - Torex Semiconductor XC9223D01AL Datasheet HTML 9Page - Torex Semiconductor XC9223D01AL Datasheet HTML 10Page - Torex Semiconductor XC9223D01AL Datasheet HTML 11Page - Torex Semiconductor XC9223D01AL Datasheet HTML 12Page - Torex Semiconductor XC9223D01AL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
XC9223/XC9224
Series
■OPERATIONAL EXPLANATION
Each unit of the XC9223/XC9224 series consists of a reference voltage source, a ramp wave circuit, error amplifier, PWM
comparator, phase compensation circuit, output voltage adjustment resistors, P-channel MOS driver transistor, N-channel
MOS synchronous rectification switching transistor, current limiter circuit, U.V.L.O. circuit and others.
The series
compares, using the error amplifier, the internal reference voltage to the VOUT pin with the voltage feedback via resistors
RFB1 and RFB2.
Phase compensation is performed on the resulting error amplifier output, to input a signal to the PWM
comparator to determine the turn-on time during PWM operation.
The PWM comparator compares, in terms of voltage
level, the signal from the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output to
the buffer driver circuit to cause the Lx pin to output a switching duty cycle.
This process is continuously performed to
ensure stable output voltage.
The current feedback circuit monitors the P-channel MOS driver transistor current for each
switching operation, and modulates the error amplifier output signal to provide multiple feedback signals.
This enables a
stable feedback loop even when a low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency.
The frequency is fixed internally and can be selected from 1.0MHz
and 2.0MHz.
Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation, and
to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage.
The amplifier compares the reference voltage with the feedback
voltage divided by the internal resistors (RFB1 and RFB2).
When a voltage lower than the reference voltage is fed back, the
output voltage of the error amplifier increases.
The gain and frequency characteristics of the error amplifier output are
fixed internally to deliver an optimized signal to the mixer.
<Current Limit>
The current limiter circuit of the XC9223/XC9224 series monitors the current flowing through the P-channel MOS driver
transistor connected to the Lx pin, and features a combination of the constant-current type current limit mode and the
operation suspension mode.
For the current limit values, please select the values either from 1.2A (MIN.) when the LIM
pin is high level or 0.6A (MIN.) when the LIM pin is low level.
1When the driver current is greater than a specific level, the constant-current type current limit function operates to turn
off the pulses from the Lx pin at any given time.
2When the driver transistor is turned off, the limiter circuit is then released from the current limit detection state.
3At the next pulse, the driver transistor is turned on. However, the transistor is immediately turned off in the case of an
over current state.
4 When the over current state is eliminated, the IC resumes its normal operation.
The IC waits for the over current state to end by repeating the steps
1 through 3. If an over current state continues for
several msec and the above three steps are repeatedly performed, the IC performs the function of latching the OFF state of
the driver transistor, and goes into operation suspension mode. After being put into suspension mode, the IC can resume
operation by turning itself off once and then starting it up using the CE pin, or by restoring power to the VIN pin.
Integral
latch time may be released from a current limit detection state because of the noise.
Depending on the state of a substrate,
it may result in the case where the latch time may become longer or the operation may not be latched.
Please locate an
input capacitor as close as possible.
VIN
CE
LX
Current Limit LEVEL
Limit < # mS
Restart
VSS
0mA
Limit > # mS
IOUT
VOUT
ms
ms


Similar Part No. - XC9223D01AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AL TOREX-XC9223B081AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AR TOREX-XC9223B081AR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DL TOREX-XC9223B081DL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DR TOREX-XC9223B081DR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223D01AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com