Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRP47F Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LRP47F
Description  Enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRP47F Datasheet(HTML) 3 Page - OSRAM GmbH

  LRP47F Datasheet HTML 1Page - OSRAM GmbH LRP47F Datasheet HTML 2Page - OSRAM GmbH LRP47F Datasheet HTML 3Page - OSRAM GmbH LRP47F Datasheet HTML 4Page - OSRAM GmbH LRP47F Datasheet HTML 5Page - OSRAM GmbH LRP47F Datasheet HTML 6Page - OSRAM GmbH LRP47F Datasheet HTML 7Page - OSRAM GmbH LRP47F Datasheet HTML 8Page - OSRAM GmbH LRP47F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LS P47F, LR P47F, LA P47F, LY P47F
2007-07-10
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
LA, LR,
LS,
LY
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 125
°C
Durchlassstrom
Forward current
(
T
A=25°C)
I
F
50
mA
Stoßtrom
Surge current
t = 10
μs, D = 0.1, T
A=25°C
I
FM
100
mA
Sperrspannung
3) Seite 16
Reverse voltage
3) page 16
(
T
A=25°C)
V
R
12
V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
130
135
mW
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
4) Seite 16
Junction/ambient
4) page 16
Sperrschicht/Lötpad
Junction/solder point
R
th JA
R
th JS
420
200
K/W
K/W


Similar Part No. - LRP47F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRP47F-U2AB-1-1 OSRAM-LRP47F-U2AB-1-1 Datasheet
564Kb / 22P
   PointLED
LRP47F-U2AB-1-1-F OSRAM-LRP47F-U2AB-1-1-F Datasheet
564Kb / 22P
   PointLED
More results

Similar Description - LRP47F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTRBGFSF-ABCB OSRAM-LTRBGFSF-ABCB Datasheet
1Mb / 28P
   Enhanced optical Power LED (ThinFilm / ThinGaN)
LYT64F-CADB-46-1 OSRAM-LYT64F-CADB-46-1 Datasheet
2Mb / 16P
   TOPLED Black Series Black package with lens, enhanced Thinfilm LED
LAG6SP OSRAM-LAG6SP Datasheet
247Kb / 15P
   Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
Q65110A7501 OSRAM-Q65110A7501 Datasheet
642Kb / 23P
   6-lead MULTILED - RGB - white binned Enhanced optical Power LED (ThinFilm / ThinGaN) Lead (Pb) Free Product - RoHS Compliant
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
   Thermally Enhanced LED Chipset
logo
OSRAM GmbH
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com