Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9301 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9301
Description  PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9301 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9301 Datasheet HTML 1Page - Torex Semiconductor XC9301 Datasheet HTML 2Page - Torex Semiconductor XC9301 Datasheet HTML 3Page - Torex Semiconductor XC9301 Datasheet HTML 4Page - Torex Semiconductor XC9301 Datasheet HTML 5Page - Torex Semiconductor XC9301 Datasheet HTML 6Page - Torex Semiconductor XC9301 Datasheet HTML 7Page - Torex Semiconductor XC9301 Datasheet HTML 8Page - Torex Semiconductor XC9301 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
XC9301/XC9302 Series
PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
GENERAL DESCRIPTION
The XC9301/02 series are step-up/down DC/DC converter controller ICs with fast, low ON resistance drivers built-in. A
versatile, large output current, step-up/down DC/DC converter can be realized using only 4 basic external components -
transistors, coils, diodes and capacitors.
Output voltage is selectable in 100mV increments within a 2.4V ~ 6.0V (±2.5% accuracy) range and switching frequency is
set at 180kHz or 300kHz.
The XC9302 series switches from PWM to PFM control during light loads and the series offers high efficiencies from light
loads through to large output currents.
Soft-start time is internally set to 10msec which offers protection against rush currents when the power is switched on and
also against voltage overshoot.
During shutdown (CE pin = L), consumption current can be reduced to as little as 0.5μA or less.
APPLICATIONS
Mobile phones
PDAs
Palmtop computers
Portable audio equipment
Various power supplies
TYPICAL APPLICATION CIRCUIT
FEATURES
Input Voltage Range
: 2.0V ~ 10V
Output Voltage Range : 2.4V ~ 6.0V (±2.5% accuracy)
(selectable in 100mV increments)
Oscillation Frequency : 180KHz, 300KHz
(±15% accuracy)
Output Current
: more than 250mA
(VIN=2.4V, VOUT=3.3V)
Efficiency
: 81%(TYP.) @ VOUT=5.0V,
78%(TYP.) @ VOUT=3.3V
Stand-By
: ISTB = 0.5μA (MAX.)
Maximum Duty Ratio
: 85%(TYP.)
PWM/PFM Switching Step-Up & Down Control (XC9302)
Package
: SOT-25
Output Voltage Internal Set-Up
TYPICAL PERFORMANCE
CHARACTERISTICS
0
20
40
60
80
100
0.1
1
10
100
1000
VIN=2V
6V
4V
Output Current:IOUT(mA)
GO-Compatible
ETR0601_001


Similar Part No. - XC9301

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
524Kb / 12P
   PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
More results

Similar Description - XC9301

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
524Kb / 12P
   PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com