Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223B82AR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9223B82AR
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223B82AR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9223B82AR Datasheet HTML 1Page - Torex Semiconductor XC9223B82AR Datasheet HTML 2Page - Torex Semiconductor XC9223B82AR Datasheet HTML 3Page - Torex Semiconductor XC9223B82AR Datasheet HTML 4Page - Torex Semiconductor XC9223B82AR Datasheet HTML 5Page - Torex Semiconductor XC9223B82AR Datasheet HTML 6Page - Torex Semiconductor XC9223B82AR Datasheet HTML 7Page - Torex Semiconductor XC9223B82AR Datasheet HTML 8Page - Torex Semiconductor XC9223B82AR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
XC9223/XC9224 Series
1A Driver Transistor Built-In Step-Down DC/DC Converters
☆GreenOperation-Compatible
■TYPICAL APPLICATION CIRCUIT
■TYPICAL PERFORMANCE
CHARACTERISTICS
Efficiency vs. Output Current
VIN=5V , FOSC=1M Hz, L =4.7uH(CDRH4D2 8C),
CIN=10 uF(ceram i c), CL=1 0uF(cera m i c)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current: IOUT (mA)
PW M/PFM
PW M
VOUT=1.5V
VOUT=3.3V
XC9223B081Ax
(*1) A capacitor of 2200pF0.1μF is recommended to place at the C
DD between the AGND
pin and the V
IN pin.
Please refer to the page showing INSTRUCTION ON PATTERN LAYOUT for more detail.
■GENERAL DESCRIPTION
The XC9223/XC9224 series are synchronous step-down DC/DC converters with a 0.21
Ω (TYP.) P-channel driver transistor and a
synchronous 0.23
Ω (TYP.) N-channel switching transistor built-in. A highly efficient and stable current can be supplied up to 1.0A by
reducing ON resistance of the built-in transistor. With a high switching frequency of 1.0MHz or 2.0MHz, a small inductor is selectable;
therefore, the XC9223/XC9224 series are ideally suited to applications with height limitation such as HDD or space-saving
applications.
Current limit value can be chosen either 1.2A (MIN.) when the LIM pin is high level, or 0.6A (MIN.) when the LIM pin is
low level for using the power supply which current limit value differs such as USB or AC adapter.
With the MODE/SYNC pin, the
XC9223/XC9224 series provide mode selection of the fixed PWM control or automatically switching current limit PFM/PWM control.
As for preventing unwanted switching noise, the XC9223/XC9224 series can be synchronized with an external clock signal within the
range of ± 25% toward an internal clock signal via the MODE/SYNC pin.
For protection against heat damage of the ICs, the
XC9223/XC9224 series build in three protection functions: integral latch protection, thermal shutdown, and short-circuit protection.
With the built-in U.V.L.O. (Under Voltage Lock Out) function, the internal P-channel driver transistor is forced OFF when input voltage
becomes 1.8V or lower.
The XC9223B/XC9224B series’ detector function monitors the discretional voltage by external resistors.
■FEATURES
Input Voltage Range
: 2.5V ~ 6.0V
Output Voltage Range
: 0.9V ~ VIN (set by FB pin)
Oscillation Frequency
: 1MHz, 2MHz (+15% accuracy)
Output Current
: 1.0A
Maximum Current
Limit
: 0.6A (MIN.) ~ 0.9A (MAX)
with LIM pin=’L’
: 1.2A (MIN.) ~ 2.0A (MAX.)
with LIM pin=’H’
Controls
: PWM/PFM or PWM by MODE pin
Protection Circuits
: Thermal shutdown
Integral latch method
Short-circuit protection
Soft-Start Time
: 1ms (TYP.) internally set
Voltage Detector
: B type (with VD function)
D type (without VD function)
Built-in P-channel
MOSFET
: 0.21
Ω
Built-in Synchronous
N-channel MOSFET
: 0.23
Ω
(No Schottky Barrier Diode Required)
High Efficiency
: 95% (VIN=5.0V, VOUT=3.3V)
Synchronized with an External Clock Signal
Ceramic Capacitor Compatible
Packages
: MSOP-10, USP-10B, SOP-8
* SOP-8 package is available for the XC9223D type only.
ETR0509_007
■APPLICATIONS
●HDD
●Notebook computers
●CD-R / RW, DVD
●PDAs, Portable communication modems
●Digital cameras, Video recorders
●Various general-purpose power supplies
VIN=5V, FOSC=1MHz,
L=4.7
μH (CDRH4D28C), CIN=10μF (ceramic), CL=10μF (ceramic)
XC9223B081Ax


Similar Part No. - XC9223B82AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223B081AL TOREX-XC9223B081AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081AR TOREX-XC9223B081AR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DL TOREX-XC9223B081DL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B081DR TOREX-XC9223B081DR Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B082AL TOREX-XC9223B082AL Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223B82AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com