Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34016P Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC34016P
Description  Cordless Universal Telephone Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34016P Datasheet(HTML) 4 Page - Motorola, Inc

  MC34016P Datasheet HTML 1Page - Motorola, Inc MC34016P Datasheet HTML 2Page - Motorola, Inc MC34016P Datasheet HTML 3Page - Motorola, Inc MC34016P Datasheet HTML 4Page - Motorola, Inc MC34016P Datasheet HTML 5Page - Motorola, Inc MC34016P Datasheet HTML 6Page - Motorola, Inc MC34016P Datasheet HTML 7Page - Motorola, Inc MC34016P Datasheet HTML 8Page - Motorola, Inc MC34016P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC34016
4
MOTOROLA ANALOG IC DEVICE DATA
AC ELECTRICAL CHARACTERISTICS (continued) (All parameters are specified with Bit 0 of Register 1 set to 1, the rest of the
bits in both registers set to 0, TA = 25°C, VCC = 5.0 V, Iline = 15 mA, f = 1.0 kHz, Test Circuit in Figure 9, unless otherwise noted.)
Parameter
Unit
Max
Typ
Min
Condition
RECEIVE CHANNEL
Gain Increase in 6.0 dB Mode
Bit 5, Reg. 2 = 1
5.3
6.0
6.7
dB
Gain Reduction in Mute Condition
Bit 3, Reg. 2 = 1
70
dB
Input Impedance at HYL or HYS
30
k
Output Impedance at Rx1 or Rx2
150
Maximum Input Swing at HYL or HYS
for THD
≤ 2%
800
mVpp
Maximum Output Swing VRx
for THD
≤ 10%
3.5
Vpp
Total Harmonic Distortion at VRx
Vline = 3.0 dBm
1.0
2.0
%
Psophometrically Weighted Noise Level at VRx
200
Ω Between Tx1 and Tx2
80
µVrms
AUTOMATIC GAIN CONTROL
Gain Reduction in Transmit and Receive Channel with
Respect to Iline = 15 mA
Iline = 70 mA
5.0
6.0
7.0
dB
Highest Line Current for Maximum Gain
20
mA
Lowest Line Current for Minimum Gain
60
mA
Gain Reduction in Transmit and Receive Channel with
Respect to Iline = 35 mA
Iline = 85 mA,
Bit 1, Reg. 2 = 1
5.0
6.0
7.0
dB
Highest Line Current for Maximum Gain
Bit 1, Reg. 2 = 1
40
mA
Lowest Line Current for Minimum Gain
Bit 1, Reg. 2 = 1
80
mA
BALANCE RETURN LOSS
Balance Return Loss with Respect to 600
f = 1.0 kHz
20
dB
SIDETONE
Voltage Gain from VTx to VRx
Iline = 15 mA,
Bit 0, Reg. 2 = 1
–20
dB
SERIAL BUS
Clock Frequency
550
kHz
BEN Rising Edge Setup Time Before First Clk Rising
Edge
See t1 in Timing Diagram
500
ns
Data Setup Time Before Clk Rising Edge
See t2 in Timing Diagram
500
ns
Data Hold Time After Clk Rising Edge
See t3 in Timing Diagram
500
ns
BEN Falling Edge Delay Time After Last Clk Rising
Edge
See t4 in Timing Diagram
1.5
µs
BEN Rising Edge Delay Time After Last BEN Falling
Edge
See t5 in Timing Diagram
6.0
µs
Power Supply Reset Voltage VCC
2.5
V


Similar Part No. - MC34016P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3401 MOTOROLA-MC3401 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
MC34010 MOTOROLA-MC34010 Datasheet
1Mb / 24P
   ELECTRONIC TELEPHONE CIRCUIT
MC34011 MOTOROLA-MC34011 Datasheet
1,011Kb / 21P
   ELECTRONIC TELEPHONE CIRCUIT
MC34011A MOTOROLA-MC34011A Datasheet
1,011Kb / 21P
   ELECTRONIC TELEPHONE CIRCUIT
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
More results

Similar Description - MC34016P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
NXP Semiconductors
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
logo
ams AG
AS2504 AMSCO-AS2504 Datasheet
202Kb / 12P
   Cordless telephone, answering machine line interface
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com